Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP2181 Fiches technique(PDF) 30 Page - Analog Devices

No de pièce ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Fiches technique(HTML) 30 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 24Page - Analog Devices ADSP2181 Datasheet HTML 25Page - Analog Devices ADSP2181 Datasheet HTML 26Page - Analog Devices ADSP2181 Datasheet HTML 27Page - Analog Devices ADSP2181 Datasheet HTML 28Page - Analog Devices ADSP2181 Datasheet HTML 29Page - Analog Devices ADSP2181 Datasheet HTML 30Page - Analog Devices ADSP2181 Datasheet HTML 31Page - Analog Devices ADSP2181 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
REV. D
ADSP-2181
–30–
128-Lead PQFP Package Pinout
128L PQFP
(28MM x 28MM)
1
128
97
96
65
64
33
32
TOP VIEW
(PINS DOWN)
PF0
GND
A0
A1
A2
A3
A4
A5
A6
A7
XTAL
CLKIN
CLKOUT
GND
A8
A9
A10
A11
A12
A13
MMAP
GND
VDD
VDD
WR
IOMS
PMS
CMS
DMS
BMS
RD
IRQE
D22
D21
D20
D19
GND
D18
D17
D16
D15
D14
D13
D12
D11
GND
D10
D9
D8
D7
D6
D5
D4
D3
GND
D2
D1
D0
VDD
VDD
BG
EBG
BR
EBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32