| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP-2184L Fiches technique(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-2184L Fiches technique(HTML) 21 Page - Analog Devices |
|
21 / 31 page ![]() ADSP-2184L –21– REV. 0 Parameter Min Max Unit IDMA Address Latch Timing Requirements: tIALP Duration of Address Latch 1, 2 10 ns tIASU IAD15–0 Address Setup before Address Latch End 2 5ns tIAH IAD15–0 Address Hold after Address Latch End 2 3ns tIKA IACK Low before Start of Address Latch2, 3 0ns tIALS Start of Write or Read after Address Latch End 2, 3 3ns NOTES 1Start of Address Latch = IS Low and IAL High. 2End of Address Latch = IS High or IAL Low. 3Start of Write or Read = IS Low and IWR Low or IRD Low. tIKA IAD15–0 IACK IAL IS IRD IWR OR tIALP tIASU tIAH tIALS Figure 15. IDMA Address Latch |