| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP-2183 Fiches technique(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-2183 Fiches technique(HTML) 21 Page - Analog Devices |
|
21 / 31 page ![]() ADSP-2183 –21– REV. C Parameter Min Max Unit IDMA Write, Long Write Cycle Timing Requirements: tIKW IACK Low before Start of Write1 0ns tIKSU IAD15–0 Data Setup before IACK Low2, 3 0.5tCK + 10 ns tIKH IAD15–0 Data Hold after IACK Low2, 3 2ns Switching Characteristics: tIKLW Start of Write to IACK Low4 1.5tCK ns tIKHW Start of Write to IACK High 15 ns NOTES 1Start of Write = IS Low and IWR Low. 2If Write Pulse ends before IACK Low, use specifications t IDSU, tIDH. 3If Write Pulse ends after IACK Low, use specifications t IKSU, tIKH. 4This is the earliest time for IACK Low from Start of Write. For IDMA Write Cycle relationships, please refer to the ADSP-21xx Family User’s Manual, Third Edition. IAD15–0 DATA tIKHW tIKW IACK IS IWR tIKLW tIKH tIKSU Figure 16. IDMA Write, Long Write Cycle |