| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMCF340 Fiches technique(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF340 Fiches technique(HTML) 33 Page - Analog Devices |
|
33 / 40 page ![]() REV. 0 ADMCF340 –33– PORTA_DIR (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 98 7654 321 0 PA0-PA8 DM (0x2004) 0 = INPUT 1 = OUTPUT PORTB_DIR (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 98 76 54 3 210 PB0-PB15 DM (0x2044) (NOT USED IN ADMCF341) 0 = INPUT 1 = OUTPUT PORTA_DATA (R/W) 0 0 0 0 15 14 13 12 11 10 98765432 10 0 0 0 0 PA0-PA8 DM (0x2005) 0 = LOW LEVEL 1 = HIGH LEVEL 00 000 000 PORTB_DATA (R/W) 15 14 13 12 11 10 98 76 54321 0 PB0-PA15 DM (0x2045) (NOT USED IN ADMCF341) 0 = LOW LEVEL 1 = HIGH LEVEL 000 000 000 000 0 000 PORTA_SELECT (R/W) 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1 0 0 0 1 1 1 11 1 1 1 0 = DR0 1 = PA0 0 = DT0 1 = PA1 0 = RFS0 1 = PA2 0 = TFS0 1 = PA3 0 = AUX0/CLOCKOUT 1 = PA8 0 = AUX1/PWMSYNC 1 = PA7 0 = DR1 1 = PA6 0 = SCLK1/SCLK0 1 = PA4 0 = PWMSYNC 1 = AUX1 0 = DT1/FL1 1 = PA5 0 = CLOCKOUT 1 = AUX0 DM (0x2049) Figure 24. Configuration of PIO Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |