| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMC401BST Fiches technique(PDF) 48 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC401BST Fiches technique(HTML) 48 Page - Analog Devices |
|
48 / 60 page ![]() REV. B ADMC401 –48– 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 00 0 0 0 0 0 00 0 PWMTM (R/W) DM (0x2008) PWMCHA (R/W) PWMCHB (R/W) PWMCHC (R/W) DM (0x200C) DM (0x200D) DM (0x200E) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1 = DISABLE 0 = ENABLE CH ENABLE CL ENABLE BH ENABLE BL ENABLE AH ENABLE AL ENABLE AH/AL CROSSOVER BH/BL CROSSOVER CH/CL CROSSOVER DM (0x200F) PWMSEG (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 1 00 11 1 0 PWMSYNCWT (R/W) DM (0x2060) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 PWMSWT (R/W) DM (0x2061) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 00 0 0 0 0 0 00 0 PWMDT (R/W) DM (0x2009) PWMGATE (R/W) DM (0x200B) GDCLK 1 = ENABLE 0 = DISABLE LOW-SIDE CHOPPING HIGH-SIDE CHOPPING 1 = ENABLE 0 = DISABLE 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 000 0 0 00 0 PWMPD (R/W) DM (0x200A) 00 0 00 0 0 0 0 00 0 0 0 0 00 0 00 0 00 0 0 0 0 00 0 00 0 0 0 0 0 0 00 0 15 14 13 12 11 10 9 8 7 6 5 4 3210 00 0000 0 00 0 0 0 0 00 0 15 14 13 12 11 10 9 8 7 6 5 4 3210 00 0000 0 00 0 0 0 0 00 0 0 0 Figure 36. Structure of Registers of ADMC401 Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |