Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMC328 Fiches technique(PDF) 29 Page - Analog Devices

No de pièce ADMC328
Description  28-Lead ROM-Based DSP Motor Controller with Current Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMC328 Fiches technique(HTML) 29 Page - Analog Devices

Back Button ADMC328 Datasheet HTML 24Page - Analog Devices ADMC328 Datasheet HTML 25Page - Analog Devices ADMC328 Datasheet HTML 26Page - Analog Devices ADMC328 Datasheet HTML 27Page - Analog Devices ADMC328 Datasheet HTML 28Page - Analog Devices ADMC328 Datasheet HTML 29Page - Analog Devices ADMC328 Datasheet HTML 30Page - Analog Devices ADMC328 Datasheet HTML 31Page - Analog Devices ADMC328 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
ADMC328
–29–
REV. B
0
0
0
0
DM (0x2000)
ADC1 (R)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
DM (0x2001)
ADC2 (R)
15
14
13
12
11
10
9
8
7654
3210
0
0
0
0
DM (0x2002)
ADC3 (R)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
DM (0x2003)
ADCAUX (R)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DM (0x2068)
ICONST_TRIM (R/W)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ICONST MIN = BITS 0 – 2 CLEARED.
ICONST MAX = BITS 0 – 2 SET.
0
0
0
00
0
0
00
0
0
00
0
0
0
Figure 26. Configuration of Additional AUX Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these
bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32