Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMC326YR Fiches technique(PDF) 27 Page - Analog Devices

No de pièce ADMC326YR
Description  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMC326YR Fiches technique(HTML) 27 Page - Analog Devices

Back Button ADMC326YR Datasheet HTML 23Page - Analog Devices ADMC326YR Datasheet HTML 24Page - Analog Devices ADMC326YR Datasheet HTML 25Page - Analog Devices ADMC326YR Datasheet HTML 26Page - Analog Devices ADMC326YR Datasheet HTML 27Page - Analog Devices ADMC326YR Datasheet HTML 28Page - Analog Devices ADMC326YR Datasheet HTML 29Page - Analog Devices ADMC326YR Datasheet HTML 30Page - Analog Devices ADMC326YR Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
ADMC326
–27–
REV. A
AUXTM0 (R/W)
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
AUXCH1 (R/W)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DM (0x2011)
AUXCH0 (R/W)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DM (0x2010)
DM (0x2012)
AUXTM1 (R/W)
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DM (0x2013)
AUX1 PERIOD = 2
(1 + AUXTM1)
tCK
OFFSET = 2
(1 + AUXTM1)
tCK
TON, AUX0 = 2
(AUXCH0)
tCK
TON, AUX1 = 2
(AUXCH1)
tCK
AUX0 PERIOD = 2
(AUXTM0 + 1)
tCK
Figure 23. Configuration of AUX Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these
bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31