Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Typenumber Fiches technique(PDF) 72 Page - NXP Semiconductors

No de pièce Typenumber
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

Typenumber Fiches technique(HTML) 72 Page - NXP Semiconductors

Back Button Typenumber Datasheet HTML 67Page - NXP Semiconductors Typenumber Datasheet HTML 68Page - NXP Semiconductors Typenumber Datasheet HTML 69Page - NXP Semiconductors Typenumber Datasheet HTML 70Page - NXP Semiconductors Typenumber Datasheet HTML 71Page - NXP Semiconductors Typenumber Datasheet HTML 72Page - NXP Semiconductors Typenumber Datasheet HTML 73Page - NXP Semiconductors Typenumber Datasheet HTML 74Page - NXP Semiconductors Typenumber Datasheet HTML 75Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
72 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
26. Figures
Fig 1.
Block diagram of PCF8523 . . . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration for SO8 (PCF8523T) . . . . . . . . .4
Fig 3.
Pin configuration for HVSON8 (PCF8523TK) . . . .4
Fig 4.
Pin configuration for TSSOP14 (PCF8523TS). . . .4
Fig 5.
Pin configuration for PCF8523U . . . . . . . . . . . . . .5
Fig 6.
Auto-incrementing of the registers . . . . . . . . . . . . .7
Fig 7.
Software reset command . . . . . . . . . . . . . . . . . . .12
Fig 8.
Interrupt block diagram . . . . . . . . . . . . . . . . . . . .14
Fig 9.
Battery switch-over behavior in standard mode
and with bit BSIE set logic 1 (enabled) . . . . . . . .17
Fig 10. Battery switch-over behavior in direct switching
mode and with bit BSIE set logic 1 (enabled) . . .18
Fig 11. Battery low detection behavior with bit BLIE
set logic 1 (enabled) . . . . . . . . . . . . . . . . . . . . . .19
Fig 12. OS flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 13. Data flow diagram of the time function. . . . . . . . .23
Fig 14. Access time for read/write operations . . . . . . . . .23
Fig 15. Alarm function block diagram. . . . . . . . . . . . . . . .25
Fig 16. Alarm flag timing . . . . . . . . . . . . . . . . . . . . . . . . .26
Fig 17. AF timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Fig 18. Offset calibration calculation workflow . . . . . . . . .31
Fig 19. Watchdog activates an interrupt when timed out .36
Fig 20. General countdown timer behavior . . . . . . . . . . .37
Fig 21. General countdown timer behavior . . . . . . . . . . .38
Fig 22. Example for second interrupt when TAM = 1 . . . .40
Fig 23. Example for second interrupt when TAM = 0 . . . .40
Fig 24. Example of shortening the INT1 pulse by
clearing the SF flag . . . . . . . . . . . . . . . . . . . . . . .41
Fig 25. Example of shortening the INT1 pulse by
clearing the CTAF flag . . . . . . . . . . . . . . . . . . . . .42
Fig 26. STOP bit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Fig 27. STOP bit release timing . . . . . . . . . . . . . . . . . . . .43
Fig 28. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45
Fig 29. Definition of START and STOP conditions. . . . . .45
Fig 30. System configuration . . . . . . . . . . . . . . . . . . . . . .46
Fig 31. Acknowledgement on the I2C-bus . . . . . . . . . . . .46
Fig 32. Bus protocol for write mode . . . . . . . . . . . . . . . . .47
Fig 33. Bus protocol for read mode . . . . . . . . . . . . . . . . .47
Fig 34. Device diode protection diagram of PCF8523 . .48
Fig 35. I2C-bus timing diagram; rise and fall times refer
to 30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . .53
Fig 36. Application diagram . . . . . . . . . . . . . . . . . . . . . . .53
Fig 37. Package outline SOT96-1 (SO8) of PCF8523T. .54
Fig 38. Package outline SOT909-1 (HVSON8) of
PCF8523TK . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55
Fig 39. Package outline SOT402-1 (TSSOP14) of
PCF8523TS . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56
Fig 40. Bare die outline of PCF8523U . . . . . . . . . . . . . . .57
Fig 41. Alignment mark . . . . . . . . . . . . . . . . . . . . . . . . . .58
Fig 42. Tape and reel details for PCF8523 . . . . . . . . . . .59
Fig 43. PCF8523U wafer information. . . . . . . . . . . . . . . .60
Fig 44. Film Frame Carrier (FFC) (for PCF8523U) . . . . .61
Fig 45. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64
Fig 46. Footprint information for reflow soldering of
SOT96-1 (SO8) of PCF8523T . . . . . . . . . . . . . . .64
Fig 47. Footprint information for reflow soldering of
SOT402-1 (TSSOP14) of PCF8523TS . . . . . . . . 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75