| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8523TS/1 Fiches technique(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8523TS/1 Fiches technique(HTML) 27 Page - NXP Semiconductors |
|
27 / 75 page ![]() PCF8523 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 5 July 2012 27 of 74 NXP Semiconductors PCF8523 Real-Time Clock (RTC) and calendar 8.7.6 Alarm interrupts Generation of interrupts from the alarm function is controlled via the bit AIE (register Control_1). If AIE is enabled, the INT1 follows the status of bit AF (register Control_2). Clearing AF immediately clears INT1. No pulse generation is possible for alarm interrupts. Example where only the minute alarm is used and no other interrupts are enabled. Fig 17. AF timing 013aaa335 44 45 minute counter minute alarm AF INT1 SCL instruction 45 CLEAR INSTRUCTION |