Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8523TK/1 Fiches technique(PDF) 65 Page - NXP Semiconductors

No de pièce PCF8523TK/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 Fiches technique(HTML) 65 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 61Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 62Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 63Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 64Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 65Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 66Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 67Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 68Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
65 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
Fig 47. Footprint information for reflow soldering of SOT402-1 (TSSOP14) of PCF8523TS
DIMENSIONS in mm
Ay
By
D1
D2
Gy
Hy
P1
7.200
4.500
1.350
0.400
C
0.600
4.950
5.300
Gx
7.450
sot402-1_fr
Hx
5.800
0.650
SOT402-1
solder land
occupied area
Footprint information for reflow soldering of TSSOP14 package
Ay
By
Gy
C
Hy
Hx
Gx
P1
Generic footprint pattern
Refer to the package outline drawing for actual layout
P2
(0.125)
(0.125)
D1
D2 (4x)
P2
0.750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75