Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTPFPGMEVMEUG Fiches technique(PDF) 27 Page - Freescale Semiconductor, Inc

No de pièce KTPFPGMEVMEUG
Description  KITPFPGMEVME Programmer for PF Series Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPFPGMEVMEUG Fiches technique(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button KTPFPGMEVMEUG Datasheet HTML 23Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 24Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 25Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 26Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 27Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 28Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 29Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 30Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
KTPFPGMEVMEUG, Rev. 2.0
Freescale Semiconductor
27
Graphical User Interface Description
The following list describes all the available buttons on the Script Editor tab.
•
Load Script: Launches the “File Load” dialog box allowing the user to select and load a stored script file.
•
Save Script: Launches the “File Save” dialog box, allowing the user to save a script file to storage.
•
Clear Script: Clears the current Script Editor work area to prepare for writing a new script.
•
Run Script: Begins execution of the currently loaded script. Execution runs sequentially.
•
Step Delay: Entered as an integer number between 0 and 1000 milliseconds. Double-click with the left
mouse button over the text box to begin editing the value, then press the Enter key.
•
Insert Line Separator: Inserts a comment at the current cursor position that represents a separating line.
Used to organize long scripts.
•
Append Programming: Inserts all the commands required to program the OTP memory into the Script
Editor at the current cursor location.
•
Save Log: Launches the “File Save” dialog box, allowing users to save the Script Log to a file.
•
Clear Log: Clears the Script Log.
•
Commands: Display a pop-up window shown in Figure 31, with a graphical set of commands to add to the
script.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48