| Moteur de recherche de fiches techniques de composants électroniques |
|
ADM800LAN Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM800LAN Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 12 page ![]() ADM691A/ADM693A/ADM800L/M –12– REV. 0 OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 16-Lead Plastic DIP (N-16) 16 18 9 0.840 (21.33) 0.745 (18.93) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 16-Lead Wide SOIC (R-16W) 16 9 8 1 0.4133 (10.50) 0.3977 (10.00) PIN 1 SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.1043 (2.65) 0.0926 (2.35) 0.0500 (1.27) BSC 0.0125 (0.32) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 8 ° 0 ° 0.0291 (0.74) 0.0098 (0.25) x 45 ° 16-Lead TSSOP (RU-16) 16 9 8 1 0.201 (5.10) 0.193 (4.90) PIN 1 SEATING PLANE 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0256 (0.65) BSC 0.0433 (1.10) MAX 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 ° 0 ° 16-Lead Narrow SOIC (R-16N) 16 9 8 1 0.3937 (10.00) 0.3859 (9.80) 0.2550 (6.20) 0.2284 (5.80) 0.1574 (4.00) 0.1497 (5.80) PIN 1 SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0688 (1.75) 0.0532 (1.35) 0.0500 (1.27) BSC 0.0099 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° |