Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPTION_REG Fiches technique(PDF) 108 Page - Microchip Technology

No de pièce OPTION_REG
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OPTION_REG Fiches technique(HTML) 108 Page - Microchip Technology

Back Button OPTION_REG Datasheet HTML 104Page - Microchip Technology OPTION_REG Datasheet HTML 105Page - Microchip Technology OPTION_REG Datasheet HTML 106Page - Microchip Technology OPTION_REG Datasheet HTML 107Page - Microchip Technology OPTION_REG Datasheet HTML 108Page - Microchip Technology OPTION_REG Datasheet HTML 109Page - Microchip Technology OPTION_REG Datasheet HTML 110Page - Microchip Technology OPTION_REG Datasheet HTML 111Page - Microchip Technology OPTION_REG Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 222 page
background image
MCP19111
DS22331A-page 108
 2013 Microchip Technology Inc.
FIGURE 18-2:
BLOCK WRITES TO 4K FLASH PROGRAM MEMORY
FIGURE 18-3:
FLASH PROGRAM MEMORY LONG WRITE CYCLE EXECUTION
14
14
14
14
Program Memory
Buffer Register
PMADRL<1:0> = 00
Buffer Register
PMADRL<1:0> = 01
Buffer Register
PMADRL<1:0> = 10
Buffer Register
PMADRL<1:0> = 11
PMDATL
PMDATH
75
07
0
6
8
First word of block
to be written
If at new row
sixteen words of
Flash are erased,
then four buffers
are transferred to
Flash automatically
after this word is
written
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
BSF PMCON1,WR
Executed here
INSTR (PC + 1)
Executed here
PC + 1
Flash
INSTR
PMDATH,PMDATL
INSTR (PC+3)
INSTR
NOP
Executed here
Flash
Flash
PMWHLT
WR bit
Processor halted
EE Write Time
PMADRH,PMADRL
PC + 3
PC + 4
INSTR (PC + 3)
Executed here
ADDR
DATA
Memory
Location
ignored
read
PC + 2
INSTR (PC+2)
(INSTR (PC + 2)
NOP
Executed here
(PC)
(PC + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More