| Moteur de recherche de fiches techniques de composants électroniques |
|
OPTION_REG Fiches technique(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
OPTION_REG Fiches technique(HTML) 27 Page - Microchip Technology |
|
27 / 222 page ![]() 2013 Microchip Technology Inc. DS22331A-page 27 MCP19111 5.0 DIGITAL ELECTRICAL CHARACTERISTICS 5.1 Timing Parameter Symbology The timing parameter symbols have been created with one of the following formats: FIGURE 5-1: LOAD CONDITIONS 1. TppS2ppS 3. TCC:ST (I2C specifications only) 2. TppS 4. Ts (I2C specifications only) T F Frequency TTime Lowercase letters (pp) and their meanings: pp cc CCP1 osc OSC1 ck CLKOUT rd RD cs CS rw RD or WR di SDI sc SCK do SDO ss SS dt Data in t0 T0CKI io I/O port t1 T1CKI mc MCLR wr WR Uppercase letters and their meanings: S FFall P Period HHigh R Rise I Invalid (high-impedance) V Valid L Low Z High-impedance I2C only AA output access High High BUF Bus free Low Low TCC:ST (I2C specifications only) CC HD Hold SU Setup ST DAT DATA input hold STO STOP condition STA START condition VDD/2 CL RL Pin Pin VSS VSS CL RL = 464 CL = 50 pF for all GPIO pins Load Condition 1 Load Condition 2 |