| Moteur de recherche de fiches techniques de composants électroniques |
|
ADM708R Fiches technique(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM708R Fiches technique(HTML) 2 Page - Analog Devices |
|
2 / 8 page ![]() Parameter Min Typ Max Units Test Conditions/Comments VCC Operating Voltage Range 1.0 5.5 V Supply Current 100 200 µAV CC < 3.6 V 150 350 µAV CC < 5.5 V Reset Threshold (VRST) 2.55 2.63 2.70 V ADM70_P/R 2.85 2.93 3.00 V ADM70_S 3.00 3.08 3.15 V ADM70_T Reset Threshold Hysteresis 20 mV Reset Pulsewidth 160 200 280 ms ADM70_P/R, VCC = 3 V 160 200 280 ms ADM70_S/T, VCC = 3.3 V 200 ms VCC = 5.0 V RESET Output Voltage ADM70_R/S/T VOH 0.8 × V CC VVRST (max) < VCC < 3.6 V, ISOURCE = 500 µA VOL 0.3 V VRST (max) < VCC < 3.6 V, ISINK = 1.2 mA VOH VCC–1.5 V V 4.5 V < VCC < 5.5 V, ISOURCE = 800 µA VOL 0.4 V 4.5 V < VCC < 5.5 V, ISINK = 3.2 mA VOL 0.3 V VCC = 1 V, ISINK = 100 µA RESET Output Voltage ADM706P VOH VCC–0.6 V V VRST (max) < VCC < 3.6 V, ISOURCE = 215 µA VOL 0.3 V VRST (max) < VCC < 3.6 V, ISINK = 1.2 mA VOH VCC–1.5 V V 4.5 V < VCC < 5.5 V, ISOURCE = 800 µA VOL 0.4 V 4.5 V < VCC < 5.5 V, ISINK = 3.2 mA RESET Output Voltage ADM708_ VOH 0.8 × V CC VVRST (max) < VCC < 3.6 V, ISOURCE = 500 µA VOL 0.3 V VRST (max) < VCC < 3.6 V, ISINK = 500 µA VOH VCC–1.5 V V 4.5 V < VCC < 5.5 V, ISOURCE = 800 µA VOL 0.4 V 4.5 V < VCC < 5.5 V, ISINK = 1.2 mA Watchdog Timeout Period 1.00 1.60 2.25 sec ADM70_P/R; VCC = 3 V. ADM70_S/T, VCC = 3.3 V WDI Pulsewidth VIL = 0.4 V, VIH = (VCC) × (0.8) 100 ns VRST (max) < VCC < 3.6 V 50 ns 4.5 V < VCC < 5.5 V WDI Input Threshold ADM706_ VIL 0.6 V VRST (max) < VCC < 3.6 V VIH 0.7 × V CC VVRST (max) < VCC < 3.6 V VIL 0.8 V VCC = 5.0 V VIH 3.5 V VCC = 5.0 V WDI Input Current –1.0 0.02 1.0 µA WDI = 0 V or VCC WDO Output Voltage VOH 0.8 × V CC VVRST (max) < VCC < 3.6 V, ISOURCE = 500 µA VOL 0.3 V VRST (max) < VCC < 3.6 V, ISINK = 500 µA VOH VCC–1.5 V V 4.5 V < VCC < 5.5 V, ISOURCE = 800 µA VOL 0.4 V 4.5 V < VCC < 5.5 V, ISINK = 1.2 mA MR Pull Up Current MR = 0 V 25 70 250 µAV RST (max) < VCC < 3.6 V 100 250 600 µA 4.5 V < VCC < 5.5 V MR Pulsewidth 500 ns VRST (max) < VCC < 3.6 V 150 ns 4.5 V < VCC < 5.5 V MR Input Threshold VIL 0.6 V VRST (max) < VCC < 3.6 V VIH 0.7 × V CC VVRST (max) < VCC < 3.6 V VIL 0.8 V 4.5 V < VCC < 5.5 V VIH 2.0 V 4.5 V < VCC < 5.5 V ADM706P/R/S/T, ADM708R/S/T–SPECIFICATIONS REV. A –2– (VCC = 2.70 V to 5.5 V (ADM70_P/R), VCC = 3.00 V to 5.5 V (ADM70_S), VCC = 3.15 V to 5.5 V (ADM70_T), TA = TMIN to TMAX unless otherwise noted.) |