| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4116 Fiches technique(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4116 Fiches technique(HTML) 11 Page - Analog Devices |
|
11 / 20 page ![]() ADF4116/ADF4117/ADF4118 –11– REV. 0 Table III. ADF4116 Family Latch Summary TEST MODE BITS DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB10 LDP T4 T3 T2 T1 R14 R13 R12 R11 R10 R8 R7 R6 R5 R4 R3 R2 R1 C2 (0) C1 (0) R9 14-BIT REFERENCE COUNTER, R CONTROL BITS DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB10 G1 B13 B12 B11 B10 B9 B8 B7 B6 B5 B3 B2 B1 A5 A4 A3 A2 A1 C2 (0) C1 (1) B4 CONTROL BITS 13-BIT B COUNTER 5-BIT A COUNTER DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB10 TC4 TC3 TC2 TC1 F6 F4 F3 F2 M3 M2 M1 PD1 F1 C2 (1) C1 (0) CONTROL BITS MUXOUT CONTROL TIMER COUNTER CONTROL DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB10 PD2 TC4 TC3 TC2 TC1 F6 F4 F3 F2 M3 M2 M1 PD1 F1 C2 (1) C1 (1) CONTROL BITS MUXOUT CONTROL TIMER COUNTER CONTROL REFERENCE COUNTER LATCH AB COUNTER LATCH FUNCTION LATCH INITIALIZATION LATCH RESERVED PD2 X DB20 X XX X RESERVED X X XX X |