| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7759 Fiches technique(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7759 Fiches technique(HTML) 10 Page - Analog Devices |
|
10 / 32 page ![]() REV. 0 ADE7759 –10– CURRENT – A 0.5 0.01 0.1 1 10 100 0.4 0.3 0.2 0.1 0.0 –0.1 –0.2 –0.3 –0.4 –0.5 FULL SCALE = 0.5V GAIN = 4 INTEGRATOR OFF EXTERNAL REFERENCE –40 C, PF = 1 +25 C, PF = 1 +85 C, PF = 1 TPC 7. Error as a % of Reading (Integrator OFF, Power Factor = 1, External Reference, Gain = 4) CURRENT – A 0.5 0.01 0.1 1 10 100 0.4 0.3 0.2 0.1 0.0 –0.1 –0.2 –0.3 –0.4 –0.5 FULL SCALE = 0.5V GAIN = 4 INTEGRATOR ON INTERNAL REFERENCE –40 C, PF = 1 +25 C, PF = 1 +85 C, PF = 1 TPC 8. Error as a % of Reading (Integrator ON, Power Factor = 1, Internal Reference, Gain = 4) CURRENT – A 0.5 0.01 0.1 1 10 100 0.4 0.3 0.2 0.1 0.0 –0.1 –0.2 –0.3 –0.4 –0.5 FULL SCALE = 0.5V GAIN = 4 INTEGRATOR ON EXTERNAL REFERENCE –40 C, PF = 1 +25 C, PF = 1 +85 C, PF = 1 TPC 9. Error as a % of Reading (Integrator ON, Power Factor = 1, External Reference, Gain = 4) CURRENT – A 0.5 0.01 0.1 1 10 100 0.4 0.3 0.2 0.1 0.0 –0.1 –0.2 –0.3 –0.4 –0.5 FULL SCALE = 0.5V GAIN = 4 INTEGRATOR OFF EXTERNAL REFERENCE –40 C, PF = 0.5 +25 C, PF = 1 +85 C, PF = 0.5 +25 C, PF = 0.5 TPC 10. Error as a % of Reading (Integrator OFF, Power Factor = 0.5, External Reference, Gain = 4) CURRENT – A 1.5 0.01 0.1 1 10 100 1.3 –0.3 FULL SCALE = 0.5V GAIN = 4 INTEGRATOR ON INTERNAL REFERENCE –40 C, PF = 0.5 +25 C, PF = 1 +85 C, PF = 0.5 +25 C, PF = 0.5 –0.5 –0.1 1.1 0.9 0.7 0.5 0.3 0.1 TPC 11. Error as a % of Reading (Integrator ON, Power Factor = 0.5, Internal Reference, Gain = 4) CURRENT – A 0.01 0.1 1 10 100 FULL SCALE = 0.5V GAIN = 4 INTEGRATOR ON EXTERNAL REFERENCE –40 C, PF = 0.5 +25 C, PF = 1 +85 C, PF = 0.5 +25 C, PF = 0.5 1.5 1.3 –0.3 –0.5 –0.1 1.1 0.9 0.7 0.5 0.3 0.1 TPC 12. Error as a % of Reading (Integrator ON, Power Factor = 0.5, External Reference, Gain = 4) |