| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9901TQ/883 Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9901TQ/883 Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 8 page ![]() AD9901 REV. B –5– EXPLANATION OF TEST LEVELS Test Level I – 100% production tested. II – 100% production tested at +25 °C, and sample tested at specified temperatures. III – Sample tested only. IV – Parameter is guaranteed by design and characteriza- tion testing. V – Parameter is a typical value only. VI – All devices are 100% production tested at +25 °C. 100% production tested at temperature extremes for extended temperature devices; sample tested at temperature ex- tremes for commercial/industrial devices. TTL DIP Pinouts TOP VIEW (Not to Scale) 14 13 12 11 10 9 8 1 2 3 4 5 6 7 GROUND BIAS GROUND GROUND VCO INPUT OUTPUT +VS GROUND GROUND REFERENCE INPUT +VS OUTPUT RSET GROUND AD9901 TTL LCC Pinouts TOP VIEW (Not to Scale) 20 19 1 2 3 18 14 15 16 17 4 5 6 7 8 910 11 12 13 NC = NO CONNECT GROUND REFERENCE INPUT AD9901 NC NC GROUND +VS NC NC VCO INPUT OUTPUT TTL PLCC Pinouts 3 2 1 20 19 9 10 11 12 13 18 17 16 15 14 4 5 6 7 8 TOP VIEW (Not to Scale) PIN 1 IDENTIFIER NC = NO CONNECT GROUND REFERENCE INPUT AD9901 GROUND NC VCO INPUT +VS OUTPUT NC NC OUTPUT PIN CONFIGURATIONS ECL DIP Pinouts TOP VIEW (Not to Scale) 14 13 12 11 10 9 8 1 2 3 4 5 6 7 –VS BIAS VCO INPUT VCO INPUT –VS OUTPUT GROUND REFERENCE INPUT REFERENCE INPUT –VS GROUND OUTPUT RSET –VS AD9901 ECL LCC Pinouts TOP VIEW (Not to Scale) 20 19 1 2 3 18 14 15 16 17 4 5 6 7 8 910 11 12 13 NC = NO CONNECT VCO INPUT –VS AD9901 NC NC VCO INPUT GROUND NC NC –VS OUTPUT ECL PLCC Pinouts 3 2 1 20 19 9 10 11 12 13 18 17 16 15 14 4 5 6 7 8 TOP VIEW (Not to Scale) PIN 1 IDENTIFIER NC = NO CONNECT VCO INPUT –VS AD9901 VCO INPUT NC –VS GROUND OUTPUT NC NC OUTPUT |