| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9887/PCB Fiches technique(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9887/PCB Fiches technique(HTML) 40 Page - Analog Devices |
|
40 / 40 page ![]() REV. 0 –40– AD9887 160-Lead MQFP (S-160) 1.238 (31.45) 1.228 (31.20) SQ 1.219 (30.95) 0.026 (0.65) BSC * LEAD PITCH 1.106 (28.10) 1.102 (28.00) SQ 1.098 (27.90) 0.998 (25.35) BSC SQ 0.015 (0.38) 0.012 (0.30) LEAD WIDTH 0.009 (0.22) 121 160 1 120 40 80 81 TOP VIEW (PINS DOWN) PIN 1 41 0.160 (4.07) MAX 0.041 (1.03) 0.035 (0.88) 0.029 (0.73) 0.010 (0.25) MIN 0.145 (3.67) 0.135 (3.42) 0.125 (3.17) SEATING PLANE 0.004 (0.10) MAX *THE ACTUAL POSITION OF EACH LEAD IS WITHIN 0.0047 (0.12) FROM ITS IDEAL POSITION WHEN MEASURED IN THE LATERAL DIRECTION. CENTER FIGURES ARE TYPICAL UNLESS OTHERWISE NOTED. CONTROLLING DIMENSIONS ARE IN MILLIMETERS. INCH DIMENSIONS ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. OUTLINE DIMENSIONS Dimensions shown in inches and (mm). |