Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9873JS Fiches technique(PDF) 39 Page - Analog Devices

No de pièce AD9873JS
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9873JS Fiches technique(HTML) 39 Page - Analog Devices

Back Button AD9873JS Datasheet HTML 31Page - Analog Devices AD9873JS Datasheet HTML 32Page - Analog Devices AD9873JS Datasheet HTML 33Page - Analog Devices AD9873JS Datasheet HTML 34Page - Analog Devices AD9873JS Datasheet HTML 35Page - Analog Devices AD9873JS Datasheet HTML 36Page - Analog Devices AD9873JS Datasheet HTML 37Page - Analog Devices AD9873JS Datasheet HTML 38Page - Analog Devices AD9873JS Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
REV. 0
AD9873
–39–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
100-Lead Metric Quad Flatpack (MQFP)
(S-100C)
0.555 (14.10)
0.551 (14.00)
0.547 (13.90)
81
100
1
50
31
30
51
TOP VIEW
(PINS DOWN)
PIN 1
80
0.742 (18.85) TYP
0.486
(12.35)
TYP
0.015 (0.35)
0.009 (0.25)
0.029 (0.73)
0.023 (0.57)
0.921 (23.4)
0.906 (23.0)
0.685 (17.4)
0.669 (17.0)
0.791 (20.10)
0.787 (20.00)
0.783 (19.90)
0.134
(4.30)
MAX
SEATING
PLANE
0.004
(0.10)
MAX
0.010
(0.25)
MIN
0.041 (1.03)
0.031 (0.78)
0.110 (2.80)
0.102 (2.60)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39