Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9853 Fiches technique(PDF) 24 Page - Analog Devices

No de pièce AD9853
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9853 Fiches technique(HTML) 24 Page - Analog Devices

Back Button AD9853 Datasheet HTML 20Page - Analog Devices AD9853 Datasheet HTML 21Page - Analog Devices AD9853 Datasheet HTML 22Page - Analog Devices AD9853 Datasheet HTML 23Page - Analog Devices AD9853 Datasheet HTML 24Page - Analog Devices AD9853 Datasheet HTML 25Page - Analog Devices AD9853 Datasheet HTML 26Page - Analog Devices AD9853 Datasheet HTML 27Page - Analog Devices AD9853 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
AD9853
–24–
REV. C
Table IV. Interpolator #1
Rate
Nominal
Change
Scale
Alternate
Factor
Value
Nominal
Scale
Resulting
(R)
(R-1)
Gain
Value
Gain
03
02
1.688
03
0.844
04
03
1.000
05
0.500
05
04
1.953
05
0.977
06
05
1.688
06
0.844
07
06
1.340
07
0.670
08
07
1.000
10
0.500
09
08
1.424
10
0.712
10
09
1.953
10
0.977
11
10
1.300
12
0.650
12
11
1.688
12
0.844
13
12
1.073
15
0.536
14
13
1.340
15
0.670
15
14
1.648
15
0.824
16
15
1.000
20
0.500
17
16
1.199
20
0.600
18
17
1.424
20
0.712
19
18
1.675
20
0.837
20
19
1.953
20
0.977
21
20
1.130
25
0.565
22
21
1.300
25
0.650
23
22
1.485
25
0.743
24
23
1.688
25
0.844
25
24
1.907
25
0.954
26
25
1.073
31
0.536
27
26
1.201
31
0.601
28
27
1.340
31
0.670
29
28
1.489
31
0.744
30
29
1.648
31
0.824
31
30
1.818
31
0.909
Table V. Interpolator #2
Rate
Nominal
Change
Scale
Alternate
Factor
Value
Nominal
Scale
Resulting
(R)
(R-1)
Gain
Value
Gain
02
01
1.000
02
0.500
03
02
1.125
03
0.563
04
03
1.000
05
0.500
05
04
1.563
05
0.781
06
05
1.125
07
0.563
07
06
1.531
07
0.766
08
07
1.000
11
0.500
09
08
1.266
11
0.633
10
09
1.563
11
0.781
11
10
1.891
11
0.945
12
11
1.125
15
0.563
13
12
1.320
15
0.660
14
13
1.531
15
0.766
15
14
1.758
15
0.879
16
15
1.000
22
0.500
17
16
1.129
22
0.564
18
17
1.266
22
0.633
19
18
1.410
22
0.705
20
19
1.563
22
0.781
21
20
1.723
22
0.861
22
21
1.891
22
0.945
23
22
1.033
31
0.517
24
23
1.125
31
0.563
25
24
1.221
31
0.610
26
25
1.320
31
0.660
27
26
1.424
31
0.712
28
27
1.531
31
0.766
29
28
1.643
31
0.821
30
29
1.758
31
0.879
31
30
1.877
31
0.938
32
31
1.000
45
0.500
33
32
1.063
45
0.532
34
33
1.129
45
0.564
35
34
1.196
45
0.598
36
35
1.266
45
0.633
37
36
1.337
45
0.668
38
37
1.410
45
0.705
39
38
1.485
45
0.743
40
39
1.563
45
0.781
41
40
1.642
45
0.821
42
41
1.723
45
0.861
43
42
1.806
45
0.903
44
43
1.891
45
0.945
45
44
1.978
45
0.989
46
45
1.033
63
0.517
47
46
1.079
63
0.539
48
47
1.125
63
0.563
49
48
1.172
63
0.586
50
49
1.221
63
0.610
51
50
1.270
63
0.635
52
51
1.320
63
0.660
53
52
1.372
63
0.686
54
53
1.424
63
0.712
55
54
1.477
63
0.739
56
55
1.531
63
0.766
57
56
1.586
63
0.793
58
57
1.643
63
0.821
59
58
1.700
63
0.850
60
59
1.758
63
0.879
61
60
1.817
63
0.908
62
61
1.877
63
0.938
63
62
1.938
63
0.969



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31