Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9849KST Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9849KST
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9849KST Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9849KST Datasheet HTML 3Page - Analog Devices AD9849KST Datasheet HTML 4Page - Analog Devices AD9849KST Datasheet HTML 5Page - Analog Devices AD9849KST Datasheet HTML 6Page - Analog Devices AD9849KST Datasheet HTML 7Page - Analog Devices AD9849KST Datasheet HTML 8Page - Analog Devices AD9849KST Datasheet HTML 9Page - Analog Devices AD9849KST Datasheet HTML 10Page - Analog Devices AD9849KST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
REV. 0
AD9848/AD9849
–7–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9848KST
–20
°C to +85°C
Thin Plastic Quad Flatpack (LQFP)
ST-48
AD9849KST
–20
°C to +85°C
Thin Plastic Quad Flatpack (LQFP)
ST-48
ABSOLUTE MAXIMUM RATINGS
With
Respect
Parameter
To
Min
Max
Unit
AVDD1, 2, 3
AVSS
–0.3
+3.9
V
DVDD1, DVDD2 (AD9848)
DVSS
–0.3
+3.9
V
DVDD1, DVDD2 (AD9849)
DVSS
–0.3
+5.5
V
DVDD3, 4
DVSS
–0.3
+3.9
V
Digital Outputs
DVSS3
–0.3
DVDD3 + 0.3
V
CLPOB, CLPDM, BLK
DVSS4
–0.3
DVDD4 + 0.3
V
CLI
AVSS
–0.3
AVDD + 0.3
V
SCK, SL, SDATA
DVSS4
–0.3
DVDD4 + 0.3
V
VRT, VRB
AVSS
–0.3
AVDD + 0.3
V
BYP1 – 3, CCDIN
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9848/AD9849 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
THERMAL CHARACTERISTICS
Thermal Resistance
48-Lead LQFP Package
JA = 92
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36