Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9775EB Fiches technique(PDF) 48 Page - Analog Devices

No de pièce AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Fiches technique(HTML) 48 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 40Page - Analog Devices AD9775EB Datasheet HTML 41Page - Analog Devices AD9775EB Datasheet HTML 42Page - Analog Devices AD9775EB Datasheet HTML 43Page - Analog Devices AD9775EB Datasheet HTML 44Page - Analog Devices AD9775EB Datasheet HTML 45Page - Analog Devices AD9775EB Datasheet HTML 46Page - Analog Devices AD9775EB Datasheet HTML 47Page - Analog Devices AD9775EB Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
REV. 0
–48–
AD9775
OUTLINE DIMENSIONS
80-Lead, Thermally Enhanced, Thin Plastic Quad Flatpack [TQFP]
(SV-80)
Dimensions shown in millimeters and (inches)
0.15 (0.0059)
0.05 (0.0020)
0.27 (0.0106)
0.22 (0.0087)
0.17 (0.0067)
0.20 (0.0079)
0.09 (0.0035)
0.50 (0.0197)
BSC
GAGE PLANE
0.25 (0.0098)
7
3.5
0
1.05 (0.0413)
1.00 (0.0394)
0.95 (0.0374)
1
20
21
41
40
60
80
61
PIN 1
TOP VIEW
(PINS DOWN)
14.00 (0.5512) SQ
12.00 (0.4724) SQ
SEATING
PLANE
1.20 (0.0472)
MAX
0.75 (0.0295)
0.60 (0.0236)
0.45 (0.0177)
1
20
21
41
40
60
80
61
6.00 (0.2362) SQ
BOTTOM
VIEW
COPLANARITY
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MO-026-ADD
AN APPLICATION NOTE DETAILING THE THERMALLY ENHANCED TQFP
CAN BE FOUN
D AT;
www.amkor.com/products/notes_papers/MLF_Appnote_0301.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48