Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9765-EB Fiches technique(PDF) 28 Page - Analog Devices

No de pièce AD9765-EB
Description  12-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9765-EB Fiches technique(HTML) 28 Page - Analog Devices

Back Button AD9765-EB Datasheet HTML 20Page - Analog Devices AD9765-EB Datasheet HTML 21Page - Analog Devices AD9765-EB Datasheet HTML 22Page - Analog Devices AD9765-EB Datasheet HTML 23Page - Analog Devices AD9765-EB Datasheet HTML 24Page - Analog Devices AD9765-EB Datasheet HTML 25Page - Analog Devices AD9765-EB Datasheet HTML 26Page - Analog Devices AD9765-EB Datasheet HTML 27Page - Analog Devices AD9765-EB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
REV. B
AD9765
–28–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
48-Lead Thin Plastic Quad Flatpack
(ST-48)
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.019 (0.5)
BSC
0.276
(7.00)
BSC
SQ
0.011 (0.27)
0.006 (0.17)
0.354 (9.00) BSC SQ
0.063 (1.60)
MAX
0.030 (0.75)
0.018 (0.45)
0.008 (0.2)
0.004 (0.09)
0
MIN
COPLANARITY
0.003 (0.08)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
7
0
0.057 (1.45)
0.053 (1.35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28