Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9752-EB Fiches technique(PDF) 23 Page - Analog Devices

No de pièce AD9752-EB
Description  12-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9752-EB Fiches technique(HTML) 23 Page - Analog Devices

Back Button AD9752-EB Datasheet HTML 15Page - Analog Devices AD9752-EB Datasheet HTML 16Page - Analog Devices AD9752-EB Datasheet HTML 17Page - Analog Devices AD9752-EB Datasheet HTML 18Page - Analog Devices AD9752-EB Datasheet HTML 19Page - Analog Devices AD9752-EB Datasheet HTML 20Page - Analog Devices AD9752-EB Datasheet HTML 21Page - Analog Devices AD9752-EB Datasheet HTML 22Page - Analog Devices AD9752-EB Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
REV. 0
AD9752
–23–
28-Lead, 300 Mil SOIC
(R-28)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
0.7125 (18.10)
0.6969 (17.70)
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
28
15
14
1
28-Lead TSSOP
(RU-28)
28
15
14
1
0.386 (9.80)
0.378 (9.60)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23