| Moteur de recherche de fiches techniques de composants électroniques |
|
KQ0805TTDR10J Fiches technique(PDF) 1 Page - KOA Speer Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
KQ0805TTDR10J Fiches technique(HTML) 1 Page - KOA Speer Electronics, Inc. |
|
1 / 5 page ![]() 206 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/03/13 KQ KQT KQ high Q inductor features ordering information 3 digits: 10N: 10nH R10: 0.1µH 1R0: 1.0µH T: Sn B: ±0.1nH C: 0.2nH G: ±2% H: ±3% J: ±5% K: ±10% M:±20% 0402 0603 0805 1008 TP: 2mm pitch paper (0402: 10,000 pieces/reel) TD: 7" paper tape (0402: 2,000 pieces/reel) TE: 7" embossed plastic (0603, 0805, 1008: 2,000 pieces/reel) KQ Type Size Code Tolerance Nominal Inductance Termination Material Packaging New Part # 1008 TE J 10N T dimensions and construction h t W1 d W2 Magnetic Wire Flat Top Film Ceramic/ Ferrite Core Electrode Inner Coating L .039±.004 (1.0±0.1) .02±.004 (0.5±0.1) .01±.004 (0.25±0.1) .02±.004 (0.5±0.1) .022±.004 (0.55±0.1) .006±.004 (0.15±0.1) W1 W2 th d Dimensions inches (mm) KQT0402 .063±.004 (1.6±0.1) .039±.004 (1.0±0.1) .014±.004 (0.35±0.1) .033±.004 (0.85±0.1) .035±.004 (0.9±0.1) .01±.006 (0.25±0.15) KQ0603 .079±.008 (2.0±0.2) .059±.008 (1.5±0.2) (3.3nH- 390nH) .063±.008 (1.6±0.2) (470nH- 820nH) .018±.004 (0.45±0.1) .053±.004 (1.35±0.1) .051±.008 (1.3±0.2) .016±.006 (0.40±0.15) KQ0805 .071 +.008 -0 (1.8 +0.2) -0 .018±.006 (0.45±0.15) .018±.004 (0.45±0.1) .079±.004 (2.0±0.1) .087±.008 (2.2±0.2) .098±.008 (2.5±0.2) KQ1008 For further information on packaging, please refer to Appendix A. Size Code L EU • Surface mount • Operating temperature: -40°C ~ +125°C • Flat top suitable for high speed pick-and-place components • Excellent high frequency applications • High Q factors and self-resonant frequency values • Marking: White body color with no marking (0402) Black body color with white marking (0603, 0805, 1008) • Products with lead-free terminations meet EU RoHS requirements • AEC-Q200 Qualified |
Numéro de pièce similaire - KQ0805TTDR10J |
|
Description similaire - KQ0805TTDR10J |