Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9501 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9501 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices AD9501 Datasheet HTML 10Page - Analog Devices AD9501 Datasheet HTML 11Page - Analog Devices AD9501 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9501
REV. A
–10–
Figure 8. Digital Delay Detector
Figure 7. Programmable Pulse Delay Generator
AD9501 #1 should be programmed so its delay is greater than
the zero-set programmed delay of AD9501 #2. To accomplish
this, continue to apply clock pulses and increment the digital
data into AD9501 #1 until the output of the successive approxi-
mation register (SAR) is 02H (00000010) or greater. At this
point, the delay through AD9501 #1 is slightly longer than the
delay through AD9501 #2, making it possible to use the SAR
output as the zero reference point for measuring the unknown
delay when it is reinserted into the circuit.
This calibration procedure compensates for the setup time of
the flip-flop, stray circuit delays and other nonideal characteristics
which are an inherent part of any circuit.
Eight cycles of the clock input are required to determine the
value of the unknown delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12