Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9260AS Fiches technique(PDF) 36 Page - Analog Devices

No de pièce AD9260AS
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Fiches technique(HTML) 36 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 28Page - Analog Devices AD9260AS Datasheet HTML 29Page - Analog Devices AD9260AS Datasheet HTML 30Page - Analog Devices AD9260AS Datasheet HTML 31Page - Analog Devices AD9260AS Datasheet HTML 32Page - Analog Devices AD9260AS Datasheet HTML 33Page - Analog Devices AD9260AS Datasheet HTML 34Page - Analog Devices AD9260AS Datasheet HTML 35Page - Analog Devices AD9260AS Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
–36–
OUTLINE DIMENSIONS
Dimensions shown in millimeters and (inches).
AD9260
REV. B
44-Lead MQFP
(S-44)
TOP VIEW
(PINS DOWN)
12
44
1
11
22
23
34
33
0.45 (0.018)
0.3 (0.012)
13.45 (0.529)
12.95 (0.510)
8.45 (0.333)
8.3 (0.327)
10.1 (0.398)
9.90 (0.390)
0.8 (0.031)
BSC
2.1 (0.083)
1.95 (0.077)
0.23 (0.009)
0.13 (0.005)
0.25 (0.01)
MIN
SEATING
PLANE
0
°
MIN
2.45 (0.096)
MAX
1.03 (0.041)
0.73 (0.029)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36