Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9243EB Fiches technique(PDF) 24 Page - Analog Devices

No de pièce AD9243EB
Description  Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9243EB Fiches technique(HTML) 24 Page - Analog Devices

Back Button AD9243EB Datasheet HTML 16Page - Analog Devices AD9243EB Datasheet HTML 17Page - Analog Devices AD9243EB Datasheet HTML 18Page - Analog Devices AD9243EB Datasheet HTML 19Page - Analog Devices AD9243EB Datasheet HTML 20Page - Analog Devices AD9243EB Datasheet HTML 21Page - Analog Devices AD9243EB Datasheet HTML 22Page - Analog Devices AD9243EB Datasheet HTML 23Page - Analog Devices AD9243EB Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD9243
REV. A
–24–
OUTLINE DIMENSIONS
Dimensions shown in mm and (inches).
44-Lead Metric Quad Flatpack (MQFP)
(S-44)
TOP VIEW
(PINS DOWN)
12
44
1
11
22
23
34
33
PIN 1
IDENTIFIER
0.45 (0.018)
0.3 (0.012)
13.45 (0.530)
12.95 (0.510)
8.45 (0.333)
8.3 (0.327)
10.1 (0.398)
9.90 (0.390)
0.8 (0.031)
BSC
2.1 (0.083)
1.95 (0.077)
0.23 (0.009)
0.13 (0.005)
0.25 (0.01)
MIN
SEATING
PLANE
0
MIN
2.45 (0.096)
MAX
1.03 (0.041)
0.73 (0.029)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24