Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9054A/PCB Fiches technique(PDF) 18 Page - Analog Devices

No de pièce AD9054A/PCB
Description  8-Bit, 200 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9054A/PCB Fiches technique(HTML) 18 Page - Analog Devices

Back Button AD9054A/PCB Datasheet HTML 11Page - Analog Devices AD9054A/PCB Datasheet HTML 12Page - Analog Devices AD9054A/PCB Datasheet HTML 13Page - Analog Devices AD9054A/PCB Datasheet HTML 14Page - Analog Devices AD9054A/PCB Datasheet HTML 15Page - Analog Devices AD9054A/PCB Datasheet HTML 16Page - Analog Devices AD9054A/PCB Datasheet HTML 17Page - Analog Devices AD9054A/PCB Datasheet HTML 18Page - Analog Devices AD9054A/PCB Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AD9054A
–18–
REV. B
BILL OF MATERIALS
GS00104 REV. B
ITEM
QTY
PART NUMBER
REFERENCE
DESCRIPTION
MFG/DISTRIBUTOR
11
30
GRM40Z5U104M050BL
C1, C2, C4, C6–8,
0.1
µF CER CHIP CAP 0805
TTI
C10–C22, C24–C29,
C31–C35
12
1
P10FBK-ND
R5
10
Ω SURFACE MT RES 1206
DIGI-KEY
13
21
P100FBK-ND
R3, R9, R21–R39
100
Ω SURFACE MT RES 1206
DIGI-KEY
14
4
T491C106M016AS
C3, C9, C23, C30
10
µF TANTALUM CHIP CAP
TTI
15
2
P140FBK-ND
R2, R4
140
Ω SURFACE MT RES 1206
DIGI-KEY
16
1
P1KFBK-ND
R12
1 k
Ω SURFACE MT RES 1206
DIGI-KEY
17
3
P2KFBK-ND
R6, R8, R14
2 k
Ω SURFACE MT RES 1206
DIGI-KEY
18
1
3296W-102-ND
R7
1k TRIM POT TOP ADJ, 25 TURN
DIGI-KEY
19
1
K44-C37S-QJ
J6
37P D CONN RT ANG PCMT FEM
CENTURY ELEC
10
5
P49.9FBK-ND
R1, R10, R11,
49.9
Ω SURFACE MT RES 1206
DIGI-KEY
R15, R16
11
1
CSC06A-01-511G
RP1
510
Ω 6P BUSED RES NETWORK
TTI
12
1
51F54113
TB1
8291Z 3-PIN TERMINAL BLOCK
NEWARK
13
1
51F54112
TB1
8291Z 2-PIN TERMINAL BLOCK
NEWARK
14
4
AMP-227699-2
J1–J4
BNC COAX CONN PCMT 5 LEAD
TIME ELEC
15
1
MC10H131P
U6
DIP-16 DUAL D FLIP-FLOP
HAMILTON/HALLMARK
16
1
MC10H125P
U7
DIP-16 QUAD ECL TO TTL TRANS
HAMILTON/HALLMARK
17
1
74F74SC-ND
U2
SO-14 FAST TTL DUAL D FLIP-FLOP
DIGI-KEY
18
1
TSW-120-08-G-S
J5
HEADER STRIP 20P GOLD MALE
SAMTEC
ALT:
1/2
90F3987
J5
40P HEADER
NEWARK
19
1
AD96685BR
U3
HIGH SPEED COMP SOIC-16
ANALOG DEVICES, INC.
20
7
S90F9280
S101–S107
SHORTING JUMPER
NEWARK
21
8
89F4700
S101–S107, GND
3-PIN HEADER (DIVIDE 1 OF THE
NEWARK
8 FOR 3 GND HOLES)
22
2
MC74F574DW
U4, U5
SO-20 OCTAL D TYPE FLIP-FLOP
HAMILTON/HALLMARK
23
1
AD9631AR
U1
SOIC-8 OP AMP
ANALOG DEVICES, INC.
24
1
AD9760AR
U8
10-BIT CMOS DAC SOIC-28
ANALOG DEVICES, INC.
25
1
AD9054ABST
UA1
8-BIT ADC IN 44-LEAD LQFP
ANALOG DEVICES, INC.
26
1
P8002SCT-ND
B1
SURFACE MOUNT MOMENTARY
DIGI-KEY
PUSHBUTTON
27
4
90F1533
–
BUMPON PROTECTIVE BUMPER
NEWARK
PARTS NOT ON BILL OF MATERIALS, AND NOT TO BE INSTALLED: C5, C36, C37, R17–R20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19