Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DBMZ95PN101 Fiches technique(PDF) 25 Page - ITT Industries

No de pièce DBMZ95PN101
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMZ95PN101 Fiches technique(HTML) 25 Page - ITT Industries

Back Button DBMZ95PN101 Datasheet HTML 21Page - ITT Industries DBMZ95PN101 Datasheet HTML 22Page - ITT Industries DBMZ95PN101 Datasheet HTML 23Page - ITT Industries DBMZ95PN101 Datasheet HTML 24Page - ITT Industries DBMZ95PN101 Datasheet HTML 25Page - ITT Industries DBMZ95PN101 Datasheet HTML 26Page - ITT Industries DBMZ95PN101 Datasheet HTML 27Page - ITT Industries DBMZ95PN101 Datasheet HTML 28Page - ITT Industries DBMZ95PN101 Datasheet HTML 29Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
C
C-25
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon Combo-D, Crimp
Military/High Reliability
Plug, Crimp Cable Connectors without Contacts, Sizes DE-DD
K
L
10,92 (0,43‘) MAX
A
E
C
B
D
10˚
Shell
A
B
C
D
E
F
W
W
K
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,41 (.016)
± 0,317 (.0125) ± 0,25 (.010) ± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2,500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2,406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Dimensions
Plug
NON-MAGNETIC/LOW
INDUSTRIAL
MILITARY/HI-REL
OUTGASSING**
Shell size
Layout
Part number
Part number
Part number
DE
2W2
DEA2W2PK87FO
DEA2W2PFO
DEA2W2PNMBK47FO
DE
2WK2
DEA2WK2PK87FO
DEA2WK2PFO
DEA2WK2PNMBK47FO
DA
7W2
DAA7W2PK87FO
DAA7W2PFO
DAA7W2PNMBK47FO
DA
11W1
DAA11W1PK87FO
DAA11W1PFO
DAA11W1PNMBK47FO
DA
3W3
DAA3W3PK87FO
DAA3W3PFO
DAA3W3PNMBK47FO
DA
3WK3
DAA3WK3PK87FO
DAA3WK3PFO
DAA3WK3PNMBK47FO
DB
5W5
DBA5W5PK87FO
DBA5W5PFO
DBA5W5PNMBK47FO
DB
9W4
DBA9W4PK87FO
DBA9W4PFO
DBA9W4PNMBK47FO
DB
13W3
DBA13W3PK87FO
DBA13W3PFO
DBA13W3PNMBK47FO
DB
17W2
DBA17W2PK87FO
DBA17W2PFO
DBA17W2PNMBK47FO
DB
21W1
DBA21W1PK87FO
DBA21W1PFO
DBA21W1PNMBK47FO
DC
8W8
DCA8W8PK87FO
DCA8W8PFO
DCA8W8PNMBK47FO
DC
21WA4
DCA21WA4PK87FO
DCA21WA4PFO
DCA21WA4PNMBK47FO
DD
24W7
DDA24W7PK87FO
DDA24W7PFO
DDA24W7PNMBK47FO
DD
36W4
DDA36W4PK87FO
DDA36W4PFO
DDA36W4NMBK47FO
DD
43W2
DDA43W2PK87FO
DDA43W2PFO
DDA43W2PNMBK47FO
• For contact cavity arrangements, see
page C-43
• For crimp contacts size 20, see page C-13.
• Size 8 contacts, please refer to Combo D
catalog.
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62