| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8542ARM Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8542ARM Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() AD8541/AD8542/AD8544 –12– REV. D OUTLINE DIMENSIONS 8-Lead Thin Shrink Small Outline Package [TSSOP] (RU-8) Dimensions shown in millimeters 8 5 4 1 PIN 1 0.65 BSC SEATING PLANE 0.15 0.05 0.30 0.19 1.20 MAX 0.20 0.09 8 0 6.40 BSC 0.75 0.60 0.45 4.50 4.40 4.30 3.10 3.00 2.90 COPLANARITY 0.10 COMPLIANT TO JEDEC STANDARDS MO-153AA 14-Lead Thin Shrink Small Outline Package [TSSOP] (RU-14) Dimensions shown in millimeters 4.50 4.40 4.30 14 8 7 1 6.40 BSC PIN 1 5.10 5.00 4.90 0.65 BSC SEATING PLANE 0.15 0.05 0.30 0.19 1.20 MAX 1.05 1.00 0.80 0.20 0.09 8 0 0.75 0.60 0.45 COMPLIANT TO JEDEC STANDARDS MO-153AB-1 COPLANARITY 0.10 8-Lead Standard Small Outline Package [SOIC] Narrow Body (R-8) Dimensions shown in millimeters and (inches) 0.25 (0.0098) 0.17 (0.0067) 1.27 (0.0500) 0.40 (0.0157) 0.50 (0.0196) 0.25 (0.0099) 45 8 0 1.75 (0.0688) 1.35 (0.0532) SEATING PLANE 0.25 (0.0098) 0.10 (0.0040) 85 4 1 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) BSC 6.20 (0.2440) 5.80 (0.2284) 0.51 (0.0201) 0.31 (0.0122) COPLANARITY 0.10 CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-012AA 14-Lead Standard Small Outline Package [SOIC] Narrow Body (R-14) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COPLANARITY 0.10 14 8 7 1 6.20 (0.2441) 5.80 (0.2283) 4.00 (0.1575) 3.80 (0.1496) 8.75 (0.3445) 8.55 (0.3366) 1.27 (0.0500) BSC SEATING PLANE 0.25 (0.0098) 0.10 (0.0039) 0.51 (0.0201) 0.31 (0.0122) 1.75 (0.0689) 1.35 (0.0531) 8 0 0.50 (0.0197) 0.25 (0.0098) 45 1.27 (0.0500) 0.40 (0.0157) 0.25 (0.0098) 0.17 (0.0067) COMPLIANT TO JEDEC STANDARDS MS-012AB |