Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM024 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce RM024
Description  The RM024 is the first new module in Laird?셲 rebranded RAMP (Range Amplified MultiPoint) line of modules.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

RM024 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  RM024 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TRANSITIONING FROM LT2510 TO RM024
Integration Guide
Americas: +1-800-492-2320 Option 3
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
www.lairdtech.com/wireless
5
Laird Technologies
REGULATORY INFORMATION
FCC
Due to changes to the key components of the radio frequency (RF) Path, the RM024 will carry a
different regulatory approval number, model number, and have new test reports. Customers are
recommended to have a qualified test lab perform FCC Part 15 Subpart B unintentional radiator
testing on their device to make sure that it continues to be in compliance with the emission limits
for either a Class A or B digital device. In addition, customers will need to update their label
information on their product with the new FCC and IC identification numbers and will need to
update their user manuals and other documentation to reflect the new regulatory information.
CE
A new Declaration of Conformity will be issued for the RM024. Customers will need to update
their Declaration of Conformity to reflect new reports that we issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13