| Moteur de recherche de fiches techniques de composants électroniques |
|
PCSP-01 Fiches technique(PDF) 1 Page - PowerDynamics, Inc |
|
|
|||||||||||||||||||||||||||||
PCSP-01 Fiches technique(HTML) 1 Page - PowerDynamics, Inc |
|
1 / 2 page ![]() Specifications subject to change without notice. Dimensions (mm). CHASSIS MOUNT EMI/RFI LINE FILTER PCSP Series MECHANICAL DIMENSIONS FEATURES The PCSP series offers filters with compact designed chassis mount filter with current rating up to 10A, 250VAC. These filters offer common mode and differential mode attenuation over the frequency range of 100KHz to 50MHz. APPLICATIONS Computer & networking equipment, Measuring & control equipment, Data processing equipment, laboratory instruments, Switching power supplies, other electronic equipment. TECHNICAL DATA • Rated Voltage: 115/250VAC • Rated Current: 1A, 3A, 6A, 10A • Power Line Frequency: 50/60Hz • Max. Leakage Current each Line to Ground: @ 115VAC 60Hz: <0.8mA @ 250VAC 50Hz: <0.8mA • Hipot Rating (one minute) Line to Ground: 2250VDC Line to Line: 1450VDC • Temperature Range: -25C to +85C (Unit: mm) 4.7+0.1 10.0 G L N L' N' 53.5+0.1 - - 48 Max 64 Max 18 Max 44 Max 27 145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076 e-mail: filtersales@powerdynamics.com • www.powerdynamics.com |
Numéro de pièce similaire - PCSP-01 |
|
Description similaire - PCSP-01 |