| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8348 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8348 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 13 page ![]() PRELIMINARY TECHNICAL DATA Rev. PrF 2/11/03 - 13 - Table II Filter Jumper Configuration Options Condition LK1 x LK2 x LK3 x LK4 x xMXO to xAIN direct • • xMXO to xAIN via filter • • xMXO to J1x direct, xAIN unused • • xMXO to J1x via filter, xAIN unused • • Drive xAIN from J1x • (x = I and Q) OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 28-Lead TSSOP (RU-28) 0.177 (4.50) 0.169 (4.30) 28 15 14 1 0.386 (9.80) 0.378 (9.60) 0.256 (6.50) 0.246 (6.25) PIN 1 SEATING PLANE 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0256 (0.65) BSC 0.0433 (1.10) MAX 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 deg 0 deg AD8348 |