| Moteur de recherche de fiches techniques de composants électroniques |
|
AD815 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD815 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() AD815 REV. B –16– 15-Lead Surface Mount DDPAK (VR-15) 1 0.080 (2.03) 0.065 (1.65) 2 PLACES 0.516 (13.106) 0.110 (2.79) BSC 0.042 (1.066) TYP 0.137 (3.479) TYP 0.394 (10.007) 0.152 (3.86) 0.148 (3.76) 0.600 (15.24) BSC 0.079 (2.006) DIA 2 PLACES 15 0.024 (0.61) 0.014 (0.36) 0.063 (1.60) 0.057 (1.45) 8 ° 0 ° SEATING PLANE 0.031 (0.79) 0.024 (0.60) 0.100 (2.54) BSC 0.798 (20.27) 0.778 (19.76) 0.182 (4.62) 0.172 (4.37) 0.146 (3.70) 0.138 (3.50) PIN 1 15-Lead Through-Hole SIP with Staggered Leads and 90 Lead Form (Y-15) 0.063 (1.60) 0.057 (1.45) 0.671 ±0.006 (17.043 ±0.152) SHORT LEAD 0.024 (0.61) 0.014 (0.36) 0.666 ±0.006 (16.916 ±0.152) LONG LEAD PIN 1 0.110 (2.79) BSC 0.394 (10.007) 0.152 (3.86) 0.148 (3.76) 0.080 (2.03) 0.065 (1.65) 2 PLACES 0.042 (1.066) TYP 0.137 (3.479) TYP 0.079 (2.006) DIA 2 PLACES 1 15 0.700 (17.78) BSC SEATING PLANE 0.031 (0.79) 0.024 (0.60) 0.050 (1.27) BSC 0.798 (20.27) 0.778 (19.76) 0.182 (4.62) 0.172 (4.37) 0.209 ±0.010 (5.308 ±0.254) OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 24-Lead Thermally Enhanced SOIC (RB-24) 24 13 12 1 0.6141 (15.60) 0.5985 (15.20) PIN 1 SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0201 (0.51) 0.0130 (0.33) 0.1043 (2.65) 0.0926 (2.35) 0.0500 (1.27) BSC 0.0125 (0.32) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 8 ° 0 ° 0.0291 (0.74) 0.0098 (0.25) x 45 ° 15-Lead Through-Hole SIP with Staggered Leads and Straight Lead Form (YS-15) 0.080 (2.03) 0.065 (1.65) 2 PLACES PIN 1 0.110 (2.79) BSC 0.042 (1.07) TYP 0.137 (3.48) TYP 0.394 (10.007) 0.152 (3.86) 0.148 (3.76) 0.700 (17.78) BSC 0.079 (2.007) DIA 2 PLACES 1 15 0.063 (1.60) 0.057 (1.45) 0.627 ±0.010 (15.926 ±0.254) SHORT LEAD 0.601 ±0.010 (15.265 ±0.254) LONG LEAD 0.176 (4.47) 0.150 (3.81) 0.710 (18.03) 0.690 (17.53) 0.200 (5.08) BSC 0.169 (4.29) BSC 0.024 (0.61) 0.014 (0.36) 0.031 (0.79) 0.024 (0.60) 0.050 (1.27) BSC 0.798 (20.27) 0.778 (19.76) 0.182 (4.62) 0.172 (4.37) SEATING PLANE |