Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RK-Wi.232FHSS-250-FCC-R Fiches technique(PDF) 7 Page - Radiometrix Ltd

No de pièce RK-Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RADIOMETRIX [Radiometrix Ltd]
Site Internet  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RK-Wi.232FHSS-250-FCC-R Fiches technique(HTML) 7 Page - Radiometrix Ltd

Back Button RK-Wi.232FHSS-250-FCC-R Datasheet HTML 3Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 4Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 5Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 6Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 7Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 8Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 9Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 10Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 11Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
6
Revision 1.1.0
Index of Tables
Table 1, Wi.232FHSS Low-Power Pin States ..................................................................................................... 13
Table 2, MAC Addressing Examples................................................................................................................... 15
Table 3, User Addressing Examples ................................................................................................................... 16
Table 4, Extended User Addressing Examples................................................................................................... 16
Table 5, Exception Codes ................................................................................................................................... 17
Table 6, Example Exception Masks .................................................................................................................... 18
Table 7, WI.232FHSS-25-R Pin Descriptions ..................................................................................................... 20
Table 8, WI.232FHSS-250-R Pin Descriptions ................................................................................................... 21
Table 9, Wi.232FHSS-25–R and WI.232FHSS-250-R UART Interface Lines .................................................... 27
Table 10, Wi.232FHSS Reset Circuit Specifications........................................................................................... 30
Table 11, Power Mode Register Settings............................................................................................................ 35
Table 12, Data Rate Register Settings................................................................................................................ 35
Table 13, Network Mode Register Settings......................................................................................................... 36
Table 14, Minimum TXTO Values ....................................................................................................................... 37
Table 15, Per-Baud rate ACK timeout values. .................................................................................................... 38
Table 16, Verbose Mode Settings ....................................................................................................................... 39
Table 17, Operating Mode Register Settings ...................................................................................................... 40
Table 18, LNA Mode Settings ............................................................................................................................. 47
Tables 19, AutoAddress Register Settings ......................................................................................................... 49
Tables 20 and 21, Release Number Register Settings ....................................................................................... 50
Table 22, Exception Codes ................................................................................................................................. 51
Table 23, Volatile Read/ Write Register Summary.............................................................................................. 53
Table 24, Volatile Read-Only Register Summary ............................................................................................... 54
Table 25, Non-Volatile Read-Only Register Summary........................................................................................ 54
Table 26, Non-Volatile Read/ Write Register Summary...................................................................................... 55
Table 27, Write Register Command, value to be written is less than 128 (0x80) ............................................... 58
Table 28, Write Register Command, value to be written is greater than or equal to 128 (0x80) ........................ 58
Table 29, Read Register Command.................................................................................................................... 58
Table 30, Read Register Module Response for a Valid Register ....................................................................... 58
Table 31, Absolute Maximum Ratings for WI.232FHSS-25-R ............................................................................ 59
Table 32, AC Specifications- Rx for WI.232FHSS-25-R ..................................................................................... 60
Table 33, AC Specifications- Tx for WI.232FHSS-25-R...................................................................................... 60
Table 34, DC Specifications for WI.232FHSS-25-R............................................................................................ 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67