Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7724 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7724
Description  Dual CMOS Modulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7724 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7724 Datasheet HTML 6Page - Analog Devices AD7724 Datasheet HTML 7Page - Analog Devices AD7724 Datasheet HTML 8Page - Analog Devices AD7724 Datasheet HTML 9Page - Analog Devices AD7724 Datasheet HTML 10Page - Analog Devices AD7724 Datasheet HTML 11Page - Analog Devices AD7724 Datasheet HTML 12Page - Analog Devices AD7724 Datasheet HTML 13Page - Analog Devices AD7724 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
REV. A
AD7724
–10–
CIRCUIT DESCRIPTION
The AD7724 employs a sigma-delta conversion technique to
convert the analog input into a digital pulse train. The analog
input is continuously sampled by a switched capacitor modulator
at twice the rate of the clock input frequency (2 fMCLK). The
digital data that represents the analog input is in the ones’ den-
sity of the bit stream at the output of the sigma-delta modulator.
The modulator outputs the bit stream at a data rate equal to fMCLK.
Due to the high oversampling rate, which spreads the quantiza-
tion noise from 0 to fMCLK/2, the noise energy contained in the
band of interest is reduced (Figure 21a). To reduce the quantiza-
tion noise further, a high order modulator is employed to shape
the noise spectrum, so that most of the noise energy is shifted
out of the band of interest (Figure 21b).
BAND OF INTEREST
fMCLK/2
BAND OF INTEREST
a.
b.
fMCLK/2
QUANTIZATION NOISE
NOISE SHAPING
Figure 21. Sigma-Delta ADC
USING THE AD7724
ADC Differential Inputs
The AD7724 uses differential inputs to provide common-mode
noise rejection (i.e., the converted result will correspond to the
differential voltage between the two inputs). The absolute volt-
age on both inputs must lie between AGND and AVDD.
In the unipolar mode, the full scale-input range (VIN(+) –
VIN(–)) is 0 V to VREF. In the bipolar mode configuration, the
full-scale analog input range is
±V
REF/2. The bipolar mode
allows complementary input signals. Alternatively, VIN(–) can
be connected to a dc bias voltage to allow a single-ended input
on VIN(+) equal to VBIAS
± V
REF/2.
Differential Inputs
The analog input to the modulator is a switched capacitor design.
The analog input is converted into charge by highly linear sam-
pling capacitors. A simplified equivalent circuit diagram of the
analog input is shown in Figure 22. A signal source driving the
analog input must be able to provide the charge onto the sam-
pling capacitors every half MCLK cycle and settle to the required
accuracy within the next half cycle.
A
B
A
B
2pF
2pF
AC
GROUND
500
A
B
A
B
MCLK
VIN(+)
VIN(–)
500
Figure 22. Analog Input Equivalent Circuit
Since the AD7724 samples the differential voltage across its
analog inputs, low noise performance is attained with an input
circuit that provides low differential mode noise at each input.
The amplifiers used to drive the analog inputs play a critical role
in attaining the high performance available from the AD7724.
When a capacitive load is switched onto the output of an op
amp, the amplitude will momentarily drop. The op amp will try
to correct the situation and, in the process, hits its slew rate
limit. This nonlinear response, which can cause excessive ring-
ing, can lead to distortion. To remedy the situation, a low-pass
RC filter can be connected between the amplifier and the input
to the AD7724 as shown in Figure 23. The external capacitor at
each input aids in supplying the current spikes created during
the sampling process. The resistor in the diagram, as well as
creating a pole for the antialiasing, isolates the op amp from the
transient nature of the load.
ANALOG
INPUT
R
C
VIN(+)
VIN(–)
R
C
Figure 23. Simple RC Antialiasing Circuit
The differential input impedance of the AD7724 switched capaci-
tor input varies as a function of the MCLK frequency, given by
the equation:
ZIN = 10
9/(8 f
MCLK) kΩ
Even though the voltage on the input sampling capacitors may
not have enough time to settle to the accuracy indicated by the
resolution of the AD7724, as long as the sampling capacitor
charging follows the exponential curve of RC circuits, only the
gain accuracy suffers if the input capacitor is switched away too
early.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com