Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7713 Fiches technique(PDF) 28 Page - Analog Devices

No de pièce AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7713 Fiches technique(HTML) 28 Page - Analog Devices

Back Button AD7713 Datasheet HTML 20Page - Analog Devices AD7713 Datasheet HTML 21Page - Analog Devices AD7713 Datasheet HTML 22Page - Analog Devices AD7713 Datasheet HTML 23Page - Analog Devices AD7713 Datasheet HTML 24Page - Analog Devices AD7713 Datasheet HTML 25Page - Analog Devices AD7713 Datasheet HTML 26Page - Analog Devices AD7713 Datasheet HTML 27Page - Analog Devices AD7713 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
REV. C
–28–
AD7713
OUTLINE DIMENSIONS
Dimensions are shown in inches and (mm).
Plastic DIP (N-24)
0.210
(5.33) MAX
0.280 (7.11)
0.240 (6.10)
12
13
24
1
0 - 15
0.100
(2.54) BSC
SEATING PLANE
0.150
(3.81) MIN
1.275 (32.30)
1.125 (28.60)
0.200 (5.05)
0.125 (3.18)
0.022 (0.558)
0.014 (0.356)
0.070 (1.77)
0.045 (1.15)
0.060 (1.52)
0.015 (0.38)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
Cerdip (Q-24)
0.005 (0.13) MIN
0.098 (2.49) MAX
1.280 (32.51) MAX
0.150
(3.81)
MIN
0.200
(5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.310 (7.87)
0.220 (5.59
0
° – 15°
0.015 (0.38)
0.008 (0.20)
SEATING PLANE
0.060 (1.52)
0.015 (0.38)
12
1
13
24
0.070 (1.78)
0.030 (0.76)
0.110 (2.79)
0.090 (2.29)
0.320 (8.13)
0.290 (7.37)
SOIC (R-24)
112
13
24
15.6 (0.614)
15.2 (0.598)
0.299 (7.6)
0.291 (7.4)
0.419 (10.65)
0.394 (10.00)
0.050 (1.27) BSC
0.019 (0.49)
0.014 (0.35)
0.104 (2.65)
0.093 (2.35)
0.012 (0.3)
0.004 (0.1)
0.050 (1.27)
0.016 (0.40)
0.013 (0.32)
0.009 (0.23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28