Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7653 Fiches technique(PDF) 23 Page - Analog Devices

No de pièce AD7653
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7653 Fiches technique(HTML) 23 Page - Analog Devices

Back Button AD7653 Datasheet HTML 15Page - Analog Devices AD7653 Datasheet HTML 16Page - Analog Devices AD7653 Datasheet HTML 17Page - Analog Devices AD7653 Datasheet HTML 18Page - Analog Devices AD7653 Datasheet HTML 19Page - Analog Devices AD7653 Datasheet HTML 20Page - Analog Devices AD7653 Datasheet HTML 21Page - Analog Devices AD7653 Datasheet HTML 22Page - Analog Devices AD7653 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD7667
–23–
48-Lead Quad Flatpack (LQFP)
(ST-48)
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.019 (0.5)
BSC
0.276
(7.00)
BSC
SQ
0.011 (0.27)
0.006 (0.17)
0.354 (9.00) BSC SQ
0.063 (1.60)
MAX
0.030 (0.75)
0.018 (0.45)
0.008 (0.2)
0.004 (0.09)
0
MIN
COPLANARITY
0.003 (0.08)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
7
0
0.057 (1.45)
0.053 (1.35)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
PIN 1
INDICATOR
TOP
VIEW
0.266 (6.75)
BSC SQ
0.276 (7.0)
BSC SQ
1
48
12
13
37
36
24
25
BOTTOM
VIEW
0.215 (5.45)
0.209 (5.30) SQ
0.203 (5.15)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.020 (0.50)
0.016 (0.40)
0.012 (0.30)
0.012 (0.30)
0.009 (0.23)
0.007 (0.18)
0.020 (0.50)
BSC
0.031 (0.80) MAX
0.026 (0.65) NOM
12 MAX
0.039 (1.00) MAX
0.033 (0.85) NOM
0.008 (0.20)
REF
0.002 (0.05)
0.0004 (0.01)
0.0 (0.0)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
Pad Connected to AGND
48-Lead Frame Chip Scale Package (LQFP)
(CP-48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23