| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7545ACE Fiches technique(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7545ACE Fiches technique(HTML) 2 Page - Analog Devices |
|
2 / 8 page ![]() –2– REV. C AD7545A–SPECIFICATIONS VDD = +5 V VDD = +15 V Limits Limits Parameter Version TA = + 25 CTMIN–TMAX 1 TA = + 25 CTMIN–TMAX 1 Units Test Conditions/Comments STATIC PERFORMANCE Resolution All 12 12 12 12 Bits Relative Accuracy K, B, T ±1/2 ±1/2 ±1/2 ±1/2 LSB max L, C, U ±1/2 ±1/2 ±1/2 ±1/2 LSB max Endpoint Measurement Differential Nonlinearity All ±1 ±1 ±1 ±1 LSB max All Grades Guaranteed 12-Bit Monotonic Over Temperature Gain Error K, B, T ±3 ±4 ±3 ±4 LSB max Measured Using Internal RFB. L, C, U ±1 ±2 ±1 ±2 LSB max DAC Register Loaded with All 1s. Gain Temperature Coefficient 2 All ±5 ±5 ±5 ±5 ppm/ °C max ∆Gain/∆Temperature All ±2 ±2 ±2 ±2 ppm/ °C typ DC Supply Rejection 2 ∆Gain/∆V DD All 0.002 0.004 0.002 0.004 % per % max ∆V DD = ±5% Output Leakage Current at OUT1 K, L 10 50 10 50 nA max DB0–DB11 = 0 V; WR, CS = 0 V B, C 10 50 10 50 nA max T, U 10 200 10 200 nA max DYNAMIC PERFORMANCE Current Settling Time 2 All 1 1 1 1 µs max To 1/2 LSB. OUT1 Load = 100 Ω, CEXT = 13 pF. DAC Output Measured from Falling Edge of WR, CS = 0 V. Propagation Delay 2 (from Digital Input Change to 90% of Final Analog Output) All 200 – 150 – ns max OUT1 Load = 100 Ω, C EXT = 13 pF 3 Digital-to-Analog Glitch Impulse All 5 – 5 – nV sec typ VREF = AGND. OUT1 Load = 100 Ω, Alternately Loaded with All 0s and 1s. AC Feedthrough 2, 4 At OUT1 All 5 5 5 5 mV p-p typ VREF = ±10 V, 10 kHz Sine Wave REFERENCE INPUT Input Resistance All 10 10 10 10 k Ω min Input Resistance TC = –300 ppm/ °C typ (Pin 19 to GND) 20 20 20 20 k Ω max Typical Input Resistance = 15 k Ω ANALOG OUTPUTS Output Capacitance 2 COUT1 All 70 70 70 70 pF max DB0–DB11 = 0 V, WR, CS = 0 V COUT1 150 150 150 150 pF max DB0–DB11 = VDD, WR, CS = 0 V DIGITAL INPUTS Input High Voltage VIH All 2.4 2.4 13.5 13.5 V min Input Low Voltage VIL All 0.8 0.8 1.5 1.5 V max Input Current 5 IIN All ±1 ±10 ±1 ±10 µA max VIN = 0 or VDD Input Capacitance 2 DB0–DB11, WR, CS All 8 8 8 8 pF max SWITCHING CHARACTERISTICS2 Chip Select to Write Setup Time K, B, L, C 100 130 75 85 ns min See Timing Diagram tCS T, U 100 170 75 95 ns min Chip Select to Write Hold Time tCH All 0 0 0 0 ns min Write Pulse Width K, B, L, C 100 130 75 85 ns min tCS ≥ t WR, TCH ≥ 0 tWR T, U 100 170 75 95 ns min Data Setup Time tDS All 100 150 60 80 ns min Data Hold Time tDH All 5 5 5 5 ns min POWER SUPPLY VDD All 5 5 15 15 V ±5% For Specified Performance IDD All 2 2 2 2 mA max All Digital Inputs VIL or VIH 100 100 100 100 µA max All Digital Inputs 0 V or VDD 10 10 10 10 µA typ All Digital Inputs 0 V or VDD NOTES 1Temperature range as follows: K, L Versions = 0 °C to +70°C; B, C Versions = –25°C to +85°C; T, U Versions = –55°C to +125°C. 2Sample tested to ensure compliance. 3DB0–DB11 = 0 V to V DD or VDD to 0 V. 4Feedthrough can be further reduced by connecting the metal lid on the ceramic package to DGND. 6Logic inputs are MOS gates. Typical input current (+25 °C) is less than 1 nA. Specifications subject to change without notice. (VREF = 10 V, VOUT1 = O V, AGND = DGND unless otherwise noted) |