Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2558 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 2558
Description  Digital Storage Oscilloscopes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

2558 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  2558 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.bkprecision.com
Digital Storage Oscilloscopes
Models 2553, 2555, 2556, 2557, 2558, and 2559
2
Widescreen display
The 7" widescreen color
display lets you see more
of your signal.
Wave form an al ysi s wit h math
and FFT
Analyze your signals with add, subtract,
multiply, and divide functions. View the
signal’s frequency spectrum and perform
harmonic distortion analysis.
Me nu On/Of f but ton
Configure the menu
parameters and hide the
menu with the push of a
button to view your signal
in full screen.
Cont ext sen siti ve h elp
A pop up window will
display the functionality of
a control while help mode
is active.
Auto setup
Vertical, horizontal,
and trigger controls
are automatically
adjusted for fast signal
display.
USB h ost po rt
Connect your USB flash
drive to conveniently
store and recall wave-
form data, setups, and
screenshots.
Prin t but ton
Simply press the Print
button to save a
screenshot in bitmap
format to a USB flash
drive.
Int ui tive channe l
o pe rati on
All channels in the 2550
series are clearly indicated
by their own color, labeled
on the input, knobs, and
display.
Ad van ce d trigge ri ng
Isolate the signal with
advanced triggering
including pulse width and
selectable video trigger.
K ens ingt on se curity sl ot
Helps to secure your
oscilloscope and prevent theft.
USB host port
Additional USB port on rear
for data storage to a USB flash
drive.
Co mmunicatio n
LAN and USB ports enable
remote control from a PC.
Front panel
Rear panel



Html Pages

1 2 3 4 5 6