| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7545A Fiches technique(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7545A Fiches technique(HTML) 1 Page - Analog Devices |
|
1 / 8 page ![]() REV. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a AD7545A One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 2000 CMOS 12-Bit Buffered Multiplying DAC FUNCTIONAL BLOCK DIAGRAM FEATURES Improved Version of AD7545 Fast Interface Timing All Grades 12-Bit Accurate 20-Lead DIP and Surface Mount Packages Low Cost PIN CONFIGURATIONS DIP/SOIC LCCC PLCC GENERAL DESCRIPTION The AD7545A, a 12-bit CMOS multiplying DAC with internal data latches, is an improved version of the industry standard AD7545. This new design features a WR pulse width of 100 ns, which allows interfacing to a much wider range of fast 8-bit and 16-bit microprocessors. It is loaded by a single 12-bit-wide word under the control of the CS and WR inputs; tying these control inputs low makes the input latches transparent, allowing unbuf- fered operation of the DAC. |
Numéro de pièce similaire - AD7545A |
|
Description similaire - AD7545A |