Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K20102D Fiches technique(PDF) 4 Page - COSMO Electronics Corporation

No de pièce K20102D
Description  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K20102D Fiches technique(HTML) 4 Page - COSMO Electronics Corporation

  K20102D Datasheet HTML 1Page - COSMO  Electronics Corporation K20102D Datasheet HTML 2Page - COSMO  Electronics Corporation K20102D Datasheet HTML 3Page - COSMO  Electronics Corporation K20102D Datasheet HTML 4Page - COSMO  Electronics Corporation K20102D Datasheet HTML 5Page - COSMO  Electronics Corporation K20102D Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT SPECIFICATION
DATE:03/22/2012
NO.61P01012
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K2010S
SHEET 4 OF 6
REV.
3
Fig.1
Current Transfer Ratio
vs. Forward Current
1
2
5
2 0
5 0
0
5 0
1 0 0
1 5 0
2 0 0
2 5 0
3 0 0
3 5 0
4 0 0
4 5 0
5 0 0
T a = 2 5
℃
0
1 0
V C E = 5 V
Classification table of current
transfer ratio is shown below.
Model No.
CTR ( % )
K20102A
60 ~ 160
K20102B
130 ~ 260
K20102C
200 ~ 400
K20102D
300 ~ 600
K20102E
60 ~ 600
Forward current IF (mA)
Fig.2
Collector Power Dissipation
vs. Ambient Temperature
Fig.3
Collector Dark Current
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
-55
0
25
10
-11
10
-10
-9
10
Vce=20V
10
-7
10
-6
10
-5
75
50
115
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4
Forward Current vs.
Ambient Temperature
Fig.5
Forward Current vs.
Forward Voltage
60
10
-55
0
20
025
30
40
50
50
75
115 125
1.8
-25°
1.6
1.2
1.0
1.4
Ta=75°
50° C
C
2.4
2.0
2.2
C
C
25°
C
0°
500
20
1
2
5
10
100
50
200
Ambient Temperature Ta (℃)
Forward Voltage VF (V)



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com