Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD73322AST Fiches technique(PDF) 37 Page - Analog Devices

No de pièce AD73322AST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD73322AST Fiches technique(HTML) 37 Page - Analog Devices

Back Button AD73322AST Datasheet HTML 33Page - Analog Devices AD73322AST Datasheet HTML 34Page - Analog Devices AD73322AST Datasheet HTML 35Page - Analog Devices AD73322AST Datasheet HTML 36Page - Analog Devices AD73322AST Datasheet HTML 37Page - Analog Devices AD73322AST Datasheet HTML 38Page - Analog Devices AD73322AST Datasheet HTML 39Page - Analog Devices AD73322AST Datasheet HTML 40Page - Analog Devices AD73322AST Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
AD73322
–37–
REV. B
APPENDIX A
DAC Timing Control Example
The AD73322’s DAC is loaded from the DAC register contents
just before the ADC register contents are loaded to the serial
register (SDOFS going high). This default DAC load position
can be advanced in time to occur earlier with respect to the
SDOFS going high. Figure 45 shows an example of the ADC
unload and DAC load sequence. At time t1 the SDOFS is raised
to indicate that a new ADC word is ready. Following the SDOFS
pulse, 16 bits of ADC data are clocked out on SDO in the sub-
sequent 16 SCLK cycles finishing at time t2 where the DSP’s
SPORT will have received the 16-bit word. The DSP may
process this information and generate a DAC word to be sent to
SE
SCLK
SDOFS
SDO
SDIFS
DATA REGISTER
UPDATE
DAC LOAD
FROM DAC REGISTER
t1
t2
t3
t4 t6
t5
ADC WORD
SDI
DAC WORD
Figure 43. DAC Timing Control
the AD73322. Time t3 marks the beginning of the sequence of
sending the DAC word to the AD73322. This sequence ends at
time t4 where the DAC register will be updated from the 16 bits
in the AD73322’s serial register. However, the DAC will not be
updated from the DAC register until time t5, which may not be
acceptable in certain applications. In order to reduce this delay
and load the DAC at time t6, the DAC advance register can be
programmed with a suitable setting corresponding to the
required time advance (refer to Table XI for details of DAC
Timing Control settings).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43