Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7249ARZ Fiches technique(PDF) 12 Page - Analog Devices

No de pièce AD7249ARZ
Description  LC2MOS Dual 12-Bit Serial DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7249ARZ Fiches technique(HTML) 12 Page - Analog Devices

Back Button AD7249ARZ Datasheet HTML 4Page - Analog Devices AD7249ARZ Datasheet HTML 5Page - Analog Devices AD7249ARZ Datasheet HTML 6Page - Analog Devices AD7249ARZ Datasheet HTML 7Page - Analog Devices AD7249ARZ Datasheet HTML 8Page - Analog Devices AD7249ARZ Datasheet HTML 9Page - Analog Devices AD7249ARZ Datasheet HTML 10Page - Analog Devices AD7249ARZ Datasheet HTML 11Page - Analog Devices AD7249ARZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. C
–12–
AD7249
DATA OUT
CLOCK OUT
SYNC OUT
CONTROL OUT
CONTROLLER
AD7249*
SDIN
SCLK
SYNC
LDAC
VOUTA
VOUTB
VDD
VDD
VDD
VDD
QUAD OPTO-COUPLER
*ADDITIONAL PINS OMITTED FOR CLARITY.
VOUTA
VOUTB
Figure 16. Opto-Isolated Interface
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic DIP (N-16)
16
18
9
PIN 1
0.840 (21.33)
0.745 (18.93)
0.280 (7.11)
0.240 (6.10)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
0.150
(3.81)
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
Wide Body SOIC (R-16)
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.018 (0.46)
0.014 (0.36)
0.107 (2.72)
0.089 (2.26)
0.050 (1.27)
BSC
16
9
8
1
0.419 (10.65)
0.404 (10.26)
0.299 (7.60)
0.291 (7.40)
PIN 1
0.413 (10.50)
0.348 (10.10)
0.015 (0.38)
0.007 (0.18)
8
0
0.364 (9.246)
0.344 (8.738)
0.045 (1.15)
0.020 (0.50)
Cerdip (Q-16)
16
1
8
9
0.271 (6.89)
0.240 (6.09)
PIN 1
SEATING
PLANE
0.02 (0.5)
0.016 (0.406)
0.780 (19.81)
0.06 (1.52)
0.05 (1.27)
0.21 (5.33)
0.15 (3.81)
0.163 (4.14)
0.133 (3.378)
0.11 (2.79)
0.099 (2.28)
0.125
(3.17)
MIN
15
0
0.012 (0.305)
0.008 (0.203)
0.300 (7.62)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12