| Moteur de recherche de fiches techniques de composants électroniques |
|
AD704AR Fiches technique(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD704AR Fiches technique(HTML) 6 Page - Analog Devices |
|
6 / 8 page ![]() AD704 REV. A –6– 1 10 100 100k 1M 10M LOAD RESISTANCE – k Ω 2 46 8 –55 C +25 C +125 C Figure 18. Open-Loop Gain vs. Load Resistance Over Temperature 1000 100 10 1 0.1 0.01 0.001 1 10 100 1k 10k 100k FREQUENCY – Hz A = –1000 V A = +1 V I = +1mA OUT Figure 21. Closed-Loop Output Impedance vs. Frequency 10 0% 5µs 20mV 100 90 Figure 22c. Unity Gain Follower Small Signal Pulse Response RF = 0 Ω, C L = 100 pF –20 0 20 40 60 80 100 120 140 0.01 0.1 1 10 100 1k 10k 100k 1M 10M FREQUENCY – Hz 0 30 60 90 120 150 180 GAIN PHASE Figure 19. Open-Loop Gain and Phase vs. Frequency 1/4 AD704 SQUARE WAVE INPUT 0.1 µF 0.1 µF R F V OUT C L –VS V IN +VS R 2k Ω L Figure 22a. Unity Gain Follower (For Large Signal Applications, Resistor RF Limits the Current Through the Input Protection Diodes) 10 0% 5µs 20mV 100 90 Figure 22d. Unity Gain Follower Small Signal Pulse Response RF = 0 Ω, CL = 1,000 pF 05 10 15 20 +0.5 +1.0 +1.5 –1.5 –1.0 –0.5 +V S SUPPLY VOLTAGE – ±Volts –VS R = 10k Ω L Figure 20. Output Voltage Swing vs. Supply Voltage 10 0% 50µs 2V 100 90 Figure 22b. Unity Gain Follower Large Signal Pulse Response RF = 10 kΩ, CL = 1,000 pF 1/4 AD704 SQUARE WAVE INPUT 0.1 µF 0.1 µF VOUT C L R L 2.5kΩ –VS V IN +VS 10kΩ 10kΩ Figure 23a. Unity Gain Inverter Connection |