Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6644ST/PCB Fiches technique(PDF) 12 Page - Analog Devices

No de pièce AD6644ST/PCB
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6644ST/PCB Fiches technique(HTML) 12 Page - Analog Devices

Back Button AD6644ST/PCB Datasheet HTML 8Page - Analog Devices AD6644ST/PCB Datasheet HTML 9Page - Analog Devices AD6644ST/PCB Datasheet HTML 10Page - Analog Devices AD6644ST/PCB Datasheet HTML 11Page - Analog Devices AD6644ST/PCB Datasheet HTML 12Page - Analog Devices AD6644ST/PCB Datasheet HTML 13Page - Analog Devices AD6644ST/PCB Datasheet HTML 14Page - Analog Devices AD6644ST/PCB Datasheet HTML 15Page - Analog Devices AD6644ST/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AD6644
–12–
REV. 0
THEORY OF OPERATION
The AD6644 analog-to-digital converter (ADC) employs a three
stage subrange architecture. This design approach achieves the
required accuracy and speed while maintaining low power and
small die size.
As shown in the functional block diagram, the AD6644 has
complementary analog input pins, AIN and AIN . Each analog
input is centered at 2.4 V and should swing
± 0.55 V around
this reference (Figure 2). Since AIN and AIN are 180 degrees
out of phase, the differential analog input signal is 2.2 V peak-
to-peak.
Both analog inputs are buffered prior to the first track-and-hold,
TH1. The high state of the ENCODE pulse places TH1 in hold
mode. The held value of TH1 is applied to the input of a 5-bit
coarse ADC1. The digital output of ADC1 drives a 5-bit digital-
to-analog converter, DAC1. DAC1 requires 14 bits of precision
which is achieved through laser trimming. The output of DAC1
is subtracted from the delayed analog signal at the input of TH3
to generate a first residue signal. TH2 provides an analog pipe-
line delay to compensate for the digital delay of ADC1.
The first residue signal is applied to a second conversion stage
consisting of a 5-bit ADC2, 5-bit DAC2, and pipeline TH4.
The second DAC requires 10 bits of precision which is met by
the process with no trim. The input to TH5 is a second residue
signal generated by subtracting the quantized output of DAC2
from the first residue signal held by TH4. TH5 drives a final
6-bit ADC3.
The digital outputs from ADC1, ADC2, and ADC3 are added
together and corrected in the digital error correction logic to
generate the final output data. The result is a 14-bit parallel
digital CMOS-compatible word, coded as two's complement.
APPLYING THE AD6644
Encoding the AD6644
The AD6644 encode signal must be a high quality, extremely low
phase noise source to prevent degradation of performance. Main-
taining 14-bit accuracy places a premium on encode clock phase
noise. SNR performance can easily degrade by 3 dB to 4 dB
with 70 MHz input signals when using a high-jitter clock source.
See Analog Devices’ Application Note AN-501, “Aperture Uncer-
tainty and ADC System Performance” for complete details.
For optimum performance, the AD6644 must be clocked
differentially. The encode signal is usually ac-coupled into the
ENCODE and ENCODE pins via a transformer or capacitors.
These pins are biased internally and require no additional bias.
Shown below is one preferred method for clocking the AD6644.
The clock source (low jitter) is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the transformer secondary limit clock excursions
into the AD6644 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to the other portions of the AD6644, and limits the noise
presented to the ENCODE inputs. A crystal clock oscillator can
also be used to drive the RF transformer if an appropriate limiting
resistor (typically 100
Ω) is placed in the series with the primary.
ENCODE
ENCODE
AD6644
T1–4T
HSMS2812
DIODES
CLOCK
SOURCE
0.1 F
100
Figure 25. Crystal Clock Oscillator – Differential Encode
If a low jitter ECL/PECL clock is available, another option is to
ac-couple a differential ECL/PECL signal to the encode input pins
as shown below. A device that offers excellent jitter performance
is the MC100LVEL16 (or same family) from Motorola.
ENCODE
ENCODE
AD6644
0.1 F
0.1 F
VT
VT
ECL/
PECL
Figure 26. Differential ECL for Encode
Analog Input
As with most new high-speed, high dynamic range analog-to-
digital converters, the analog input to the AD6644 is differential.
Differential inputs allow much improvement in performance
on-chip as signals are processed through the analog stages. Most
of the improvement is a result of differential analog stages having
high rejection of even order harmonics. There are also benefits
at the PCB level. First, differential inputs have high common-
mode rejection to stray signals such as ground and power noise.
Also, they provide good rejection to common-mode signals such as
local oscillator feedthrough.
The AD6644 input voltage range is offset from ground by 2.4 V.
Each analog input connects through a 500
Ω resistor to a 2.4 V
bias voltage and to the input of a differential buffer (Figure 2). The
resistor network on the input properly biases the followers for maxi-
mum linearity and range. Therefore, the analog source driving the
AD6644 should be ac-coupled to the input pins. Since the differ-
ential input impedance of the AD6644 is 1 k
Ω, the analog input
power requirement is only –2 dBm, simplifying the driver amplifier
in many cases. To take full advantage of this high-input imped-
ance, a 20:1 transformer would be required. This is a large ratio
and could result in unsatisfactory performance. In this case, a
lower step-up ratio could be used. The recommended method for
driving the analog input of the AD6644 is to use a 4:1 RF trans-
former. For example, if RT were set to 60.4
Ω and RS were set
to 25
Ω, along with a 4:1 transformer, the input would match
to a 50
Ω source with a full-scale drive of 4.8 dBm. Series resis-
tors (RS) on the secondary side of the transformer should be
used to isolate the transformer from A/D. This will limit the
amount of dynamic current from the A/D flowing back into
the secondary of the transformer. The terminating resistor (RT)
should be placed on the primary side of the transformer.
AIN
AIN
AD6644
T1–4T
ANALOG INPUT
SIGNAL
RS
RS
0.1 F
RT
Figure 27. Transformer-Coupled Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19