Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6644PCB Fiches technique(PDF) 19 Page - Analog Devices

No de pièce AD6644PCB
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6644PCB Fiches technique(HTML) 19 Page - Analog Devices

Back Button AD6644PCB Datasheet HTML 11Page - Analog Devices AD6644PCB Datasheet HTML 12Page - Analog Devices AD6644PCB Datasheet HTML 13Page - Analog Devices AD6644PCB Datasheet HTML 14Page - Analog Devices AD6644PCB Datasheet HTML 15Page - Analog Devices AD6644PCB Datasheet HTML 16Page - Analog Devices AD6644PCB Datasheet HTML 17Page - Analog Devices AD6644PCB Datasheet HTML 18Page - Analog Devices AD6644PCB Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
AD6644
–19–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
52-Terminal Plastic Low Profile Quad Flatpack
(ST-52)
TOP VIEW
(PINS DOWN)
40
52
1
14
13
26
27
39
0.026 (0.65)
BSC
0.472 (12.00) SQ
0.394
(10.0)
SQ
0.015 (0.38)
0.009 (0.22)
0.063 (1.60)
MAX
SEATING
PLANE
0.030 (0.75)
0.018 (0.45)
0.006 (0.15)
0.002 (0.05)
0.057 (1.45)
0.053 (1.35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19