Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6623AS Fiches technique(PDF) 39 Page - Analog Devices

No de pièce AD6623AS
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6623AS Fiches technique(HTML) 39 Page - Analog Devices

Back Button AD6623AS Datasheet HTML 32Page - Analog Devices AD6623AS Datasheet HTML 33Page - Analog Devices AD6623AS Datasheet HTML 34Page - Analog Devices AD6623AS Datasheet HTML 35Page - Analog Devices AD6623AS Datasheet HTML 36Page - Analog Devices AD6623AS Datasheet HTML 37Page - Analog Devices AD6623AS Datasheet HTML 38Page - Analog Devices AD6623AS Datasheet HTML 39Page - Analog Devices AD6623AS Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
REV. 0
AD6623
–39–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
128-Lead Terminal Metric Quad Flatpack (MQFP)
TOP VIEW
(PINS DOWN)
1
38
39
65
64
102
128
103
0.011 (0.27)
0.009 (0.22)
0.007 (0.17)
0.020 (0.50)
BSC*
0.555 (14.10)
0.551 (14.00)
0.547 (13.90)
0.685 (17.40)
0.677 (17.20)
0.669 (17.00)
0.791 (20.10)
0.787 (20.00)
0.783 (19.90)
0.921 (23.40)
0.913 (23.20)
0.906 (23.00)
SEATING
PLANE
0.134 (3.40)
MAX
0.041 (1.03)
0.035 (0.88)
0.031 (0.78)
0.003 (0.08)
MAX
0.010 (0.25)
MIN
0.110 (2.80)
0.106 (2.70)
0.102 (2.60)
THE ACTUAL POSITION OF EACH LEAD IS WITHIN 0.00315 (0.08) FROM ITS IDEAL
POSITION WHEN MEASURED IN THE LATERAL DIRECTION. CENTER FIGURES ARE
TYPICAL UNLESS OTHERWISE NOTED
*
196-Lead Ball Grid Array (BGA)
TOP VIEW
0.594 (15.10)
0.591 (15.00) SQ
0.587 (14.90)
BALL A1
INDICATOR
DETAIL A
SEATING
PLANE
0.059
(1.50)
MAX
0.021 (0.53)
0.017 (0.43)
0.008 (0.20)
COPLANARITY
0.028 (0.70)
0.024 (0.60)
0.020 (0.50)
BALL DIAMETER
DETAIL A
0.039 (1.00)
0.033 (0.85)
BOTTOM VIEW
A
B
C
D
E
F
G
H
J
K
L
M
N
P
13
11
9
7
5
3
1
14
12
10
8
6
4
2
0.039 (1.00) BSC
BALL PITCH
0.512
(13.0)
BSC
SQ
0.039 (1.00)
BSC
BALL PITCH
NOTES
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS
2. THE ACTUAL POSITION OF THE BALL GRID IS WITHIN
0.008 (0.20) OF ITS IDEAL POSITION RELATIVE TO THE
PACKAGE EDGES
3. THE ACTUAL POSITION OF EACH BALL IS WITHIN
0.004 (0.10) OF ITS IDEAL POSITION TO THE BALL GRID
4. CENTER FIGURES ARE NOMINAL DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40